Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATRCTS07ASNXLTQE4 Datasheet (PDF) - Elma Electronic Ltd

ATRCTS07ASNXLTQE4 Datasheet PDF - Elma Electronic Ltd
Part # ATRCTS07ASNXLTQE4
Download  ATRCTS07ASNXLTQE4 Download
File Size   238.03 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description Liquid Cooled 1 ATR Chassis, Tall, Short

ATRCTS07ASNXLTQE4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATRCTS07ASNXLTQE4 Datasheet PDF - Elma Electronic Ltd

Part # ATRCTS07ASNXLTQE4
Download  ATRCTS07ASNXLTQE4 Click to download

File Size   238.03 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description Liquid Cooled 1 ATR Chassis, Tall, Short

ATRCTS07ASNXLTQE4 Datasheet (HTML) - Elma Electronic Ltd


ATRCTS07ASNXLTQE4 Product details

• 1 ATR platform with liquid cooled side walls, 6U conduction cooled
boards, 1” pitch, per VITA 48.2 (REDI) and VITA 65 (OpenVPX™)
• 6U, 7-slot backplane, 1” pitch per VITA 65 Backplane Profile
BKP6-CEN07-11.2.3-n (Slots: 5 nodes, 1 storage, 1 switch)
– Additional backplanes: VME, VME64x, VXS, cPCI, and custom
• COTS/MOTS modular design according to ARINC 404A
• All aluminum with electron beam welded fluid channels in side walls
• Designed to meet environmental MIL Standards 810G and 461E
• Cools up to 100 W per slot
• Choice of power supply: 500W 6U plug-in or fixed-mount 400 W
• Input power: 28 VDC and 270 VDC per MIL-STD-704E
– 1 and 3 phase 115 VAC, 400 Hz on request
• Custom I/O options including MIL-STD wiring and connectors
• Choice of cooling fluids: Dielectric fluids (PAO), inhibited glycol/water
solutions (PGW, EGW), kerosene
FEATURES:




Similar Part No. - ATRCTS07ASNXLTQE4

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATRCT101 ANALOGTECHNOLOGIES-ATRCT101 Datasheet
435Kb / 5P
Variable Resistor & Capacitor Box
6/9/2021
logo
Elma Electronic Ltd
ATRCTL10OPNXVTNZ46U ELMA-ATRCTL10OPNXVTNZ46U Datasheet
123Kb / 4P
ATR (Air Transport Rack)
More results


Similar Description - ATRCTS07ASNXLTQE4

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VCS50US05 XPPOWER-VCS50US05 Datasheet
580Kb / 4P
Chassis Mount Industrial Supplies, 25 째C to 70 째C Convection Cooled
logo
Molex Electronics Ltd.
0622029960 MOLEX11-0622029960 Datasheet
29Kb / 1P
Stacked Multi-Port Extraction Tool, 2 by 1 Tall
logo
Contec Co., Ltd
ECH-PCI-BE2-H4A CONTEC-ECH-PCI-BE2-H4A Datasheet
325Kb / 2P
PCI Bus Expansion Chassis Short x 4Slots
ECH-PCI-BE2-H7A CONTEC-ECH-PCI-BE2-H7A Datasheet
341Kb / 2P
PCI Bus Expansion Chassis Short x 7Slots
ECH-PCI-CE-H13A CONTEC-ECH-PCI-CE-H13A Datasheet
387Kb / 2P
PCI Bus Expansion Chassis Short x 13Slots
logo
TE Connectivity Ltd
LCS TEC-LCS Datasheet
253Kb / 4P
HORIZONTAL COMPACT SHORT-SWING LIQUID LEVEL SENSORS
LDS TEC-LDS Datasheet
223Kb / 4P
HORIZONTAL SHORT-SWING LIQUID LEVEL SENSORS
logo
Vishay Siliconix
CS71 VISHAY-CS71 Datasheet
60Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
SPR2232 VISHAY-SPR2232 Datasheet
61Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
logo
Molex Electronics Ltd.
0622029960 MOLEX-0622029960 Datasheet
29Kb / 1P
Stacked Multi-Port Extraction Tool, 2 by 1 Tall
02/27/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com