Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5333012T00RSDBYNO Datasheet (PDF) - Elma Electronic Ltd

5333012T00RSDBYNO Datasheet PDF - Elma Electronic Ltd
Part # 5333012T00RSDBYNO
Download  5333012T00RSDBYNO Download
File Size   981.96 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description 5332/3 6Gbps Dual Drive Carrier

5333012T00RSDBYNO Datasheet (PDF)

Go To PDF Page Download Datasheet
5333012T00RSDBYNO Datasheet PDF - Elma Electronic Ltd

Part # 5333012T00RSDBYNO
Download  5333012T00RSDBYNO Click to download

File Size   981.96 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description 5332/3 6Gbps Dual Drive Carrier

5333012T00RSDBYNO Datasheet (HTML) - Elma Electronic Ltd


5333012T00RSDBYNO Product details

Features
• Largest available capacity in a single 3U VPX slot with dual SATA drives
o Compliant with OpenVPXTM (VITA 65) profile SLT3-STO-2U-14.5.1
• Solid state SLC, MLC drive or rotating 2.5” drives
• Designed for 5HP slot width and REDI offset faceplate
• 5HP VITA 48 REDI primary and secondary side covers
• Air cooled (5332) and conduction cooled (5333) configurations with optional
conformal coating and extended temperature operation
• 5332 Supports 1 drive in 4HP slot with no REDI covers
5333 requires REDI covers and 5HP slot




Similar Part No. - 5333012T00RSDBYNO

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
533301B02551G AAVID-533301B02551G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
More results


Similar Description - 5333012T00RSDBYNO

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD352LT1 ONSEMI-MMBD352LT1_06 Datasheet
93Kb / 3P
Dual Hot Carrier Mixer Diodes
September, 2006 ??Rev. 6
MMBD352LT1G ONSEMI-MMBD352LT1G_07 Datasheet
122Kb / 3P
Dual Hot Carrier Mixer Diodes
August, 2009 ??Rev. 7
logo
Integrated Device Techn...
89HP0604SB IDT-89HP0604SB Datasheet
565Kb / 22P
4 Channel 6Gbps SAS/SATA Signal Repeater
logo
Shenzhen Luguang Electr...
MMBD352 LUGUANG-MMBD352 Datasheet
237Kb / 2P
Dual Hot Carrier Mixer Diodes
MMBD452 LUGUANG-MMBD452 Datasheet
241Kb / 2P
Dual Hot Carrier Mixer Diodes
logo
Diode Semiconductor Kor...
MMBD452 DSK-MMBD452 Datasheet
227Kb / 3P
Dual Hot-Carrier Diodes
logo
ON Semiconductor
MMBD352LT1G ONSEMI-MMBD352LT1G Datasheet
127Kb / 3P
Dual Hot Carrier Mixer Diodes
October, 2016 ??Rev. 9
MMBD452LT1G ONSEMI-MMBD452LT1G Datasheet
123Kb / 3P
Dual Hot-Carrier Diodes
October, 2016 ??Rev. 5
logo
Galaxy Semi-Conductor H...
MMBD452 BILIN-MMBD452 Datasheet
155Kb / 3P
Dual Hot-Carrier Diodes
Rev.A
logo
List of Unclassifed Man...
ASM1061 ETC2-ASM1061 Datasheet
341Kb / 19P
SATA 6Gbps Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com