Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8028 Datasheet (PDF) - Texas Instruments

ADS8028 Datasheet PDF - Texas Instruments
Part # ADS8028
Download  ADS8028 Download
File Size   1159.72 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor

ADS8028 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8028 Datasheet PDF - Texas Instruments

Part # ADS8028
Download  ADS8028 Click to download

File Size   1159.72 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor

ADS8028 Datasheet (HTML) - Texas Instruments


ADS8028 Product details

1FEATURES
23• Outstanding Performance:
– Throughput: Up to 1 MSPS
– No Missing Codes: 12 Bits
– INL: ±0.5 LSB
– SNR: 72 dB
• Highly Integrated:
– Eight Analog Inputs
– High-Resolution Internal Temperature
Sensor
– Nine-Channel Multiplexer with Channel
Sequencer
– Low-Drift Internal Voltage Reference
• Wide Supply Range:
– Analog Supply (AVDD): 2.7 V to 5.25 V
– Digital Supply (DVDD): 1.65 V to 5.25 V
• Low Power:
– 17 mW at 1 MSPS
– Flexible Power-Down Modes
• SPI™-Compatible Serial Interface: 20 MHz
• Small Footprint: 4-mm × 4-mm, Thin QFN-20

APPLICATIONS
• Programmable Logic Controls (PLCs)
• Industrial Process Controls (IPCs)
• Telecommunications
• Power-Supply Monitoring
• PCB Hot-Spot Analysis
• Battery-Powered Applications

DESCRIPTION
The ADS8028 is a 12-bit analog-to-digital converter
(ADC), capable of operating at sampling speeds up to
1 MSPS. The device is based on a successive
approximation register (SAR) core and provides an
inherent sample-and-hold (SH) front-end.
In addition to having eight analog input channels, the
ADS8028 offers an internal temperature sensor with
0.25°C resolution and an internal voltage reference. A
nine-channel internal multiplexer enables multiple
channels to be selected (including the internal
temperature sensor) that are indefinitely scanned in a
sequential manner. A simple SPI-compatible serial
interface provides easy communication and control
between the device and host controller. The digital
supply can operate from 1.65 V to 5.25 V, enabling
direct interface with a wide range of processors and
controllers.
At full speed of 1 MSPS, the ADS8028 dissipates
only 17 mW. The device offers flexible power-down
modes to save power when conversions are not
being performed. The ADS8028 performance is
specified over the extended industrial temperature
range of –40°C to +125°C.
The ADS8028 is ideal for demanding measurement
applications, such as sensor output monitoring,
power-supply monitoring, and printed circuit board
(PCB) hot-spot analysis, and is available in a small
form-factor QFN-20 package.




Similar Part No. - ADS8028

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
ADS8028 TI1-ADS8028 Datasheet
849Kb / 35P
12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADS8028 TI2-ADS8028 Datasheet
1Mb / 36P
12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
REVISED MARCH 2012
ADS8028IRTJ TI2-ADS8028IRTJ Datasheet
1Mb / 36P
12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
REVISED MARCH 2012
ADS8028IRTJR TI-ADS8028IRTJR Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
More results


Similar Description - ADS8028

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7291 AD-AD7291 Datasheet
436Kb / 21P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
AD7298 AD-AD7298 Datasheet
1Mb / 18P
8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Analog Devices
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
12-Bit, 1-MSPS, 8-Channel, SAR ADC
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. C
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
8-Channel, 1 MSPS, 10-Bit SAR ADC
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com