Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7950SBDBT Datasheet (PDF) - Texas Instruments

ADS7950SBDBT Datasheet PDF - Texas Instruments
Part # ADS7950SBDBT
Download  ADS7950SBDBT Download
File Size   4190.5 Kbytes
Page   87 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS79xx Pin Compatible, 12-, 10-, 8-Bit, 1-MSPS, 16-, 12-, 8-, 4-Channel, Single-Ended, Serial Interface ADCs

ADS7950SBDBT Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7950SBDBT Datasheet PDF - Texas Instruments

Part # ADS7950SBDBT
Download  ADS7950SBDBT Click to download

File Size   4190.5 Kbytes
Page   87 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS79xx Pin Compatible, 12-, 10-, 8-Bit, 1-MSPS, 16-, 12-, 8-, 4-Channel, Single-Ended, Serial Interface ADCs

ADS7950SBDBT Datasheet (HTML) - Texas Instruments


ADS7950SBDBT Product details

1 Features
1• 1-MHz Sample Rate Serial Devices
• Product Family of 12-, 10-, 8-Bit Resolution
• Zero Latency
• 20-MHz Serial Interface
• Analog Supply Range: 2.7 to 5.25 V
• I/O Supply Range: 1.7 to 5.25 V
• Two SW Selectable Unipolar, Input Ranges: 0 to
VREF and 0 to 2 x VREF
• Auto and Manual Modes for Channel Selection
• 4-, 8-Channel Devices and 12-, 16-Channel
Devices Share the Same Footprint
• Two Programmable Alarm Levels per Channel
• Four Individually Configurable GPIOs in TSSOP
Package: One GPIO in VQFN Package
• Typical Power Dissipation: 14.5 mW (+VA = 5 V,
+VBD = 3 V) at 1 MSPS
• Power-Down Current (1 μA)
• Input Bandwidth (47 MHz at 3 dB)
• 38-, 30-Pin TSSOP and 32-, 24-Pin VQFN
Packages

2 Applications
• PLC/IPC
• Optical Line Card Monitoring
• Medical Instrumentation
• Digital Power Supplies
• Multi-Channel, General-Purpose Signal Monitoring
• High-Speed Data Acquisition Systems
• High-Speed Closed-Loop Systems

3 Description
The ADS79xx is a 12-, 10-, 8-bit pin compatible
multichannel analog-to-digital converter family. The
device comparison table shows all twelve devices
from this product family.
The devices include a capacitor based SAR A/D
converter with inherent sample and hold.
The devices accept a wide analog supply range from
2.7 V to 5.25 V. Very low power consumption makes
these devices suitable for battery-powered and
isolated power-supply applications.
A wide 1.7-V to 5.25-V I/O supply range facilitates a
glueless interface with the most commonly used
digital hosts. The serial interface is controlled by CS
and SCLK for easy connection with microprocessors
and DSP.
The input signal is sampled with the falling edge of
CS. It uses SCLK for conversion, serial data output,
and reading serial data in. The devices allow auto
sequencing of preselected channels or manual
selection of a channel for the next conversion cycle.
There are two software selectable input ranges (0 V
to VREF and 0 V to 2 × VREF), individually configurable
GPIOs (four in case of the TSSOP and one on the
VQFN package devices), and two programmable
alarm thresholds per channel. These features make
the devices suitable for most data acquisition
applications.
The devices offer an attractive power-down feature.
This is extremely useful for power saving when the
device is operated at lower conversion speeds.
The 16-, 12-channel devices from this family are
available in a 38-pin TSSOP and 32 pin VQFN
package and the 4/8-channel devices are available in
a 30-pin TSSOP and 24 pin VQFN packages.




Similar Part No. - ADS7950SBDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7950SBDBT TI-ADS7950SBDBT Datasheet
1Mb / 43P
12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950SBDBT TI1-ADS7950SBDBT Datasheet
1Mb / 65P
12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950SBDBT TI1-ADS7950SBDBT Datasheet
2Mb / 66P
12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950SBDBT TI1-ADS7950SBDBT Datasheet
2Mb / 70P
Single-Ended, MicroPower, Serial Interface ADCs
ADS7950SBDBTG4 TI-ADS7950SBDBTG4 Datasheet
1Mb / 43P
12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
More results


Similar Description - ADS7950SBDBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7950 TI-ADS7950 Datasheet
1Mb / 43P
12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
logo
Texas Instruments
ADS7950 TI1-ADS7950_12 Datasheet
1Mb / 65P
12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
logo
Analog Devices
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
logo
Texas Instruments
ADS7950 TI1-ADS7950_14 Datasheet
2Mb / 66P
12/10/8-Bit, 1 MSPS, 16/12/8/4-Channel, Single-Ended, MicroPower, Serial Interface ADCs
ADS7950-Q1 TI1-ADS7950-Q1 Datasheet
1Mb / 52P
ADS79xx-Q1 8-, 10-, and 12-Bit, 1-MSPS, 4-, 8-, 12-, and 16-Channel, Single-Ended, Micropower, Serial Interface, Analog-to-Digital Converters
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com