Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8664 Datasheet (PDF) - Texas Instruments

ADS8664 Datasheet PDF - Texas Instruments
Part # ADS8664
Download  ADS8664 Download
File Size   1686.96 Kbytes
Page   81 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS866x 12-Bit, 500-kSPS, 4- and 8-Channel, Single-Supply, SAR ADCs with Bipolar Input Ranges

ADS8664 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8664 Datasheet PDF - Texas Instruments

Part # ADS8664
Download  ADS8664 Click to download

File Size   1686.96 Kbytes
Page   81 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS866x 12-Bit, 500-kSPS, 4- and 8-Channel, Single-Supply, SAR ADCs with Bipolar Input Ranges

ADS8664 Datasheet (HTML) - Texas Instruments


ADS8664 Product details

1 Features
1• 12-Bit ADCs with Integrated Analog Front-End
• 4-, 8-Channel MUX with Auto and Manual Scan
• Channel-Independent Programmable Inputs:
– ±10.24 V, ±5.12 V, ±2.56 V, ±1.28 V, ±0.64 V
– 10.24 V, 5.12 V, 2.56 V, 1.28 V
• 5-V Analog Supply: 1.65-V to 5-V I/O Supply
• Constant Resistive Input Impedance: 1 MΩ
• Input Overvoltage Protection: Up to ±20 V
• On-Chip, 4.096-V Reference with Low Drift
• Excellent Performance:
– 500-kSPS Aggregate Throughput
– DNL: ±0.2 LSB; INL: ±0.2 LSB
– Low Drift for Gain Error and Offset
– SNR: 73.8 dB; THD: –95 dB
– Low Power: 65 mW
• AUX Input → Direct Connection to ADC Inputs
• ALARM → High and Low Thresholds per Channel
• SPI™-Compatible Interface with Daisy-Chain
• Industrial Temperature Range: –40°C to 125°C
• TSSOP-38 Package (9.7 mm × 4.4 mm)

2 Applications
• Power Automation
• Protection Relays
• PLC Analog Input Modules

3 Description
The ADS8664 and ADS8668 are 4- and 8-channel, integrated data acquisition systems based on a 12-bit
successive approximation (SAR) analog-to-digital
converter (ADC), operating at a throughput of
500 kSPS. The devices feature integrated analog front-end circuitry for each input channel with
overvoltage protection up to ±20 V, a 4- or 8-channel
multiplexer with automatic and manual scanning
modes, and an on-chip, 4.096-V reference with low
temperature drift. Operating on a single 5-V analog
supply, each input channel on the devices can
support true bipolar input ranges of ±10.24 V,
±5.12 V, ±2.56 V, ±1.28V and ±0.64V, as well as
unipolar input ranges of 0 V to 10.24 V, 0 V to 5.12 V, 0 V to 2.56 V and 0 V to 1.28 V. The gain of the
analog front-end for all input ranges is accurately
trimmed to ensure a high dc precision. The input
range selection is software-programmable and independent for each channel. The devices offer a
1-MΩ constant resistive input impedance irrespective
of the selected input range.
The ADS8664 and ADS8668 offer a simple SPIcompatible
serial interface to the digital host and also
support daisy-chaining of multiple devices. The digital
supply operates from 1.65 V to 5.25 V, enabling
direct interface to a wide range of host controllers.




Similar Part No. - ADS8664

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8664 TI1-ADS8664 Datasheet
2Mb / 79P
4- and 8-Channel, Single-Supply, SAR ADCs
ADS8664IDBT TI1-ADS8664IDBT Datasheet
2Mb / 79P
4- and 8-Channel, Single-Supply, SAR ADCs
ADS8664IDBTR TI1-ADS8664IDBTR Datasheet
2Mb / 79P
4- and 8-Channel, Single-Supply, SAR ADCs
More results


Similar Description - ADS8664

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8638 TI1-ADS8638_14 Datasheet
1Mb / 76P
12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter with Software-Selectable Ranges
ADS8664 TI1-ADS8664 Datasheet
2Mb / 79P
4- and 8-Channel, Single-Supply, SAR ADCs
ADS8674 TI1-ADS8674 Datasheet
3Mb / 79P
4- and 8-Channel, Single-Supply, SAR ADCs
ADS8684A TI1-ADS8684A Datasheet
3Mb / 80P
4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694 TI1-ADS8694 Datasheet
2Mb / 77P
4- and 8-Channel, Single-Supply, SAR ADCs
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
Analog Devices
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
AD4630-24 AD-AD4630-24_V01 Datasheet
2Mb / 52P
24-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com