Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8681IPW Datasheet (PDF) - Texas Instruments

ADS8681IPW Datasheet PDF - Texas Instruments
Part # ADS8681IPW
Download  ADS8681IPW Download
File Size   2326.02 Kbytes
Page   75 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS868x 16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System With Programmable, Bipolar Input Ranges

ADS8681IPW Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8681IPW Datasheet PDF - Texas Instruments

Part # ADS8681IPW
Download  ADS8681IPW Click to download

File Size   2326.02 Kbytes
Page   75 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS868x 16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System With Programmable, Bipolar Input Ranges

ADS8681IPW Datasheet (HTML) - Texas Instruments


ADS8681IPW Product details

1 Features
• 16-bit ADC with integrated analog front-end
• High speed:
– ADS8681: 1 MSPS
– ADS8685: 500 kSPS
– ADS8689: 100 kSPS
• Software programmable input ranges:
– Bipolar ranges: ±12.288 V, ±10.24 V, ±6.144 V,
±5.12 V, and ±2.56 V
– Unipolar ranges: 0 V–12.288 V, 0 V–10.24 V,
0 V–6.144 V, and 0 V–5.12 V
• 5-V analog supply: 1.65-V to 5-V I/O supply
• Constant resistive input impedance ≥ 1 MΩ
• Input overvoltage protection: Up to ±20 V
• On-chip, 4.096-V reference with low drift
• Excellent performance:
– DNL: ±0.4 LSB; INL: ±0.5 LSB
– SNR: 92 dB; THD: –107 dB
• ALARM → high, low threshold
• multiSPI™ interface with daisy-chain
• Extended industrial temperature range:
–40°C to +125°C

2 Applications
• Analog input modules
• Semiconductor test
• Servo drive control module

3 Description
The ADS8681, ADS8685, and ADS8689 belong to a
family of integrated data acquisition system based on
a successive approximation (SAR) analog-to-digital
converter (ADC). The devices feature a high-speed,
high-precision SAR ADC, integrated analog front-end
(AFE) input driver circuit, overvoltage protection circuit
up to ±20 V, and an on-chip 4.096-V reference with
extremely low temperature drift.
The devices operate on a single 5-V analog supply,
but support true bipolar input ranges of ±12.288 V,
±6.144 V, ±10.24 V, ±5.12 V, and ±2.56 V, as well
as unipolar input ranges of 0 V to 12.288 V, 0 V to
10.24 V, 0 V to 6.144 V, and 0 V to 5.12 V. The gain
and offset errors are accurately trimmed within the
specified values for each input range to ensure high
dc precision. The input range selection is done by
software programming of the device internal registers.
The devices offer a high resistive input impedance
(≥ 1 MΩ) irrespective of the selected input range.
The multiSPI digital interface is backward-compatible
to the traditional SPI protocol. Additionally,
configurable features simplify interface to a wide
range of host controllers.




Similar Part No. - ADS8681IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8681IPW TI1-ADS8681IPW Datasheet
239Kb / 8P
Single-Supply, SAR ADC Data Acquisition System
ADS8681IPW TI1-ADS8681IPW Datasheet
1Mb / 74P
16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681IPWR TI1-ADS8681IPWR Datasheet
239Kb / 8P
Single-Supply, SAR ADC Data Acquisition System
ADS8681IPWR TI1-ADS8681IPWR Datasheet
1Mb / 74P
16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
More results


Similar Description - ADS8681IPW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
432Kb / 24P
16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Texas Instruments
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
Single-Supply, SAR ADC Data Acquisition System
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681_16 Datasheet
1Mb / 74P
16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8691 TI1-ADS8691 Datasheet
1Mb / 73P
18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com