Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8691IPWR Datasheet (PDF) - Texas Instruments

ADS8691IPWR Datasheet PDF - Texas Instruments
Part # ADS8691IPWR
Download  ADS8691IPWR Download
File Size   2291.34 Kbytes
Page   74 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS869x 18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System With Programmable, Bipolar Input Ranges

ADS8691IPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8691IPWR Datasheet PDF - Texas Instruments

Part # ADS8691IPWR
Download  ADS8691IPWR Click to download

File Size   2291.34 Kbytes
Page   74 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS869x 18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System With Programmable, Bipolar Input Ranges

ADS8691IPWR Datasheet (HTML) - Texas Instruments


ADS8691IPWR Product details

1 Features
• 18-bit ADC with integrated analog front-end
• High speed:
– ADS8691: 1 MSPS
– ADS8695: 500 kSPS
– ADS8699: 100 kSPS
• Software programmable input ranges:
– Bipolar ranges: ±12.288 V, ±10.24 V, ±6.144 V,
±5.12 V, and ±2.56 V
– Unipolar ranges: 0 V–12.288 V, 0 V–10.24 V,
0 V–6.144 V, and 0 V–5.12 V
• 5-V analog supply: 1.65-V to 5-V I/O supply
• Constant resistive input impedance ≥ 1 MΩ
• Input overvoltage protection: up to ±20 V
• On-chip, 4.096-V reference with low drift
• Excellent performance:
– DNL: ±0.6 LSB; INL: ±1.75 LSB
– SNR: 92.5 dB; THD: –110 dB
• ALARM → high, low threshold
• multiSPI™ interface with daisy-chain
• Extended industrial temperature range:
–40°C to +125°C

2 Applications
• Analog input modules
• Data acquisition (DAQ)
• Semiconductor tests
• LCD tests

3 Description
The ADS8691, ADS8695, and ADS8699 belong to a
family of integrated data acquisition system based on
a successive approximation (SAR) analog-to-digital
converter (ADC). The devices feature a high-speed,
high-precision SAR ADC, integrated analog front-end
(AFE) input driver circuit, overvoltage protection circuit
up to ±20 V, and an on-chip 4.096-V reference with
extremely low temperature drift.
The devices operate on a single 5-V analog supply,
but support true bipolar input ranges of ±12.288 V,
±6.144 V, ±10.24 V, ±5.12 V, and ±2.56 V, as well as
unipolar input ranges of 0 V to 12.288 V, 0 V to
10.24 V, 0 V to 6.144 V, and 0 V to 5.12 V. The gain
and offset errors are accurately trimmed within the
specified values for each input range to ensure high
dc precision. The input range selection is done by
software programming of the device internal registers.
The devices offer a high resistive input impedance
(≥ 1 MΩ) irrespective of the selected input range.
The multiSPI digital interface is backward-compatible
to the traditional SPI protocol. Additionally,
configurable features simplify interface to a wide
range of host controllers.




Similar Part No. - ADS8691IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8691IPWR TI1-ADS8691IPWR Datasheet
1Mb / 73P
18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
More results


Similar Description - ADS8691IPWR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
DC718C LINER-DC718C_15 Datasheet
1Mb / 3P
18 BIT DATA ACQUISITION SYSTEM
logo
Texas Instruments
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
Single-Supply, SAR ADC Data Acquisition System
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681_16 Datasheet
1Mb / 74P
16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8691 TI1-ADS8691 Datasheet
1Mb / 73P
18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
logo
Linear Technology
LTC2385-18 LINER-LTC2385-18 Datasheet
1Mb / 22P
18-Bit, 5Msps SAR ADC
logo
Texas Instruments
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
Maxim Integrated Produc...
MAXREFDES74 MAXIM-MAXREFDES74 Datasheet
838Kb / 13P
18-BIT PRECISION DATA ACQUISITION SYSTEM
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com