Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL58263T24E-13 Datasheet (PDF) - Diodes Incorporated

AL58263T24E-13 Datasheet PDF - Diodes Incorporated
Part # AL58263T24E-13
Download  AL58263T24E-13 Download
File Size   1651.95 Kbytes
Page   29 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 16-CHANNEL, 16-BIT PWM DIMMING LED DRIVER

AL58263T24E-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL58263T24E-13 Datasheet PDF - Diodes Incorporated

Part # AL58263T24E-13
Download  AL58263T24E-13 Click to download

File Size   1651.95 Kbytes
Page   29 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 16-CHANNEL, 16-BIT PWM DIMMING LED DRIVER

AL58263T24E-13 Datasheet (HTML) - Diodes Incorporated


AL58263T24E-13 Product details

Features
• Input Voltage VDD: 3V to 5.5V
• Output Current Range
• 2~55mA/5V, 2~35mA/3.3V
• ±0.1% Output current regulation capability
• 6-bit global current control: from 12.5% to 200%
• 16 Constant-Current Sink Output Channel
• 16-bit grayscale resolution with Adaptive Pulse Density
Modulation control
• 15V rated output channels for long LED strings
• Fast Transient Response – supports external grayscale
clock with double edge up to 16MHz
• ±1.5% (typ.) LED Current accuracy between channels
• ±3% (typ.) LED Current accuracy between chips
• Non-scramble waveform for high power LED application
• Grayscale counter reset selection
• Grayscale data synchronization selection
• Diagnosis and Protections
• Error detection includes LED Open, LED Short, Output port
leakage, Output short-to-GND, Output short-to-Power and
REXT short-to-GND
• Error detection LEDs on at 0.1mA to avoid any flickering
• Short detection threshold voltage selection (2/3/4/4.5V)
• Sleep and 0-data mode to lower down the supply current
• Pre-overtemperature warning
• 4-Wire Serial Interface (LAT, DI, DO, DCK)
• 25MHz clock frequency for data transfer
• EMI reduction grayscale clock
• Cascaded capability (Max 1,440 devices)
• External GCK watchdog
• Stagger outputs delay for EMI reduction
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• An automotive-compliant part is available under a separate
datasheet (AL58263Q).

Applications
• Indoor and outdoor LED video displays
• Variable message signs (VMS)
• Traffic signs
• Outdoor billboard signage
• LCD display backlighting




Similar Part No. - AL58263T24E-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL58263Q DIODES-AL58263Q Datasheet
1Mb / 26P
16-CHANNEL, 16-BIT PWM DIMMING LEDQ D RIVER
Rev. 2 - 2 November 2024
AL58263Q DIODES-AL58263Q Datasheet
353Kb / 2P
I2C/SPI Programmable 18-/12-Channel Linear LED Drivers with Digital-Color Mixing Simplify Automotive Dynamic Lighting
September 2025
AL58263QDKZW24-13 DIODES-AL58263QDKZW24-13 Datasheet
1Mb / 26P
16-CHANNEL, 16-BIT PWM DIMMING LEDQ D RIVER
Rev. 2 - 2 November 2024
More results


Similar Description - AL58263T24E-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
logo
List of Unclassifed Man...
MBI5031 ETC2-MBI5031 Datasheet
527Kb / 20P
16-Channel PWM-Embedded LED Driver
logo
Texas Instruments
TLC5948A TI1-TLC5948A Datasheet
1Mb / 50P
16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
48-Channel, 16-Bit ES-PWM LED Driver
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC6946 TI1-TLC6946 Datasheet
328Kb / 27P
16-Channel 32-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC69601 TI-TLC69601 Datasheet
1Mb / 11P
TLC696x1 16-Channel, Local Dimming Backlight LED Driver
APRIL 2023
TLC69601 TI-TLC69601_V01 Datasheet
1Mb / 11P
TLC696x1 16-Channel, Local Dimming Backlight LED Driver
APRIL 2023
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com