Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC210IYQT Datasheet (PDF) - STMicroelectronics

TSC210IYQT Datasheet PDF - STMicroelectronics
Part # TSC210IYQT
Download  TSC210IYQT Download
File Size   2525.07 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High/low-side, bidirectional, zero-drift current sense amplifiers

TSC210IYQT Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC210IYQT Datasheet PDF - STMicroelectronics

Part # TSC210IYQT
Download  TSC210IYQT Click to download

File Size   2525.07 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High/low-side, bidirectional, zero-drift current sense amplifiers

TSC210IYQT Datasheet (HTML) - STMicroelectronics


TSC210IYQT Product details

Features
• Wide common mode voltage: -0.3 to 26 V
• Offset voltage: ±35 μV max. (TSC210)
• 2.7 to 26 V supply voltage
• Different gain available
• – TSC210 (200 V/V)
– TSC211 (500 V/V)
– TSC212 (1000 V/V)
– TSC213 (50 V/V)
– TSC214 (100 V/V)
– TSC215 (75 V/V)
• Gain error: ±1% max.
• Offset drift: 0.1 μV/°C max.
• Gain drift: 20 ppm/°C max.
• Quiescent current: 100 μA
• QFN10 (1.8x1.4) and SC70-6

Applications
• Telecom equipment
• Power management
• Notebook computers
• Industrial applications
• Battery chargers




Similar Part No. - TSC210IYQT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC210IYQT STMICROELECTRONICS-TSC210IYQT Datasheet
1Mb / 38P
High/low-side, bidirectional, zero-drift current sense amplifiers
02-Aug-2021
More results


Similar Description - TSC210IYQT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8417 AD-AD8417 Datasheet
310Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8418 AD-AD8418 Datasheet
300Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
logo
Texas Instruments
INA240_016 TI1-INA240_016 Datasheet
1Mb / 35P
High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
INA240 TI1-INA240_17 Datasheet
1Mb / 36P
INA240 High- and Low-Side, Bidirectional, Zero-Drift, Current-Sense Amplifier with Enhanced PWM Rejection
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
AD8418A AD-AD8418A Datasheet
424Kb / 17P
Bidirectional, Zero Drift, Current Sense Amplifier
5/2018-Rev. B to Rev. C
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210 Datasheet
2Mb / 22P
High/low-side, bidirectional, zero-drift current sense amplifiers
Feb-2020
logo
Microchip Technology
MCP6C04 MICROCHIP-MCP6C04 Datasheet
2Mb / 54P
Zero-Drift, 52V High-Side Current Sense Amplifier
08/15/18
logo
Analog Devices
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210_V01 Datasheet
1Mb / 38P
High/low-side, bidirectional, zero-drift current sense amplifiers
02-Aug-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com