Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1304L05 Datasheet (PDF) - Texas Instruments

AMC1304L05 Datasheet PDF - Texas Instruments
Part # AMC1304L05
Download  AMC1304L05 Download
File Size   1737.33 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1304x High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO

AMC1304L05 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC1304L05 Datasheet PDF - Texas Instruments

Part # AMC1304L05
Download  AMC1304L05 Click to download

File Size   1737.33 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1304x High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO

AMC1304L05 Datasheet (HTML) - Texas Instruments


AMC1304L05 Product details

1 Features
1• Pin-compatible family optimized for shunt-resistorbased
current measurements:
– ±50-mV or ±250-mV input voltage ranges
– CMOS or LVDS digital interface options
• Excellent DC performance supporting highprecision
sensing on system level:
– Offset error: ±50 μV or ±100 μV (max)
– Offset drift: 1.3 μV/°C (max)
– Gain error: ±0.2% or ±0.3% (max)
– Gain drift: ±40 ppm/°C (max)
• Safety-related certifications:
– 7000-VPK reinforced isolation per
DIN VDE V 0884-11: 2017-01
– 5000-VRMS isolation for 1 minute per UL1577
– CAN/CSA no. 5A-component acceptance
service notice and IEC 62368-1 end equipment
standard
• Transient immunity: 15 kV/μs (min)
• High electromagnetic field immunity
(see application note SLLA181A)
• External 5-MHz to 20-MHz clock input for
easier system-level synchronization
• On-chip 18-V LDO regulator
• Fully specified over the extended industrial
temperature range

2 Applications
• Shunt-resistor-based current sensing in:
– Industrial motor drives
– Photovoltaic inverters
– Uninterruptible power supplies
• Isolated voltage measurements

3 Description
The AMC1304 is a precision, delta-sigma (ΔΣ)
modulator with the output separated from the input
circuitry by a capacitive double isolation barrier that is
highly resistant to magnetic interference. This barrier
is certified to provide reinforced isolation of up to
7000 VPEAK according to the DIN VDE V 0884-11,
UL1577 and CSA standards. Used in conjunction with
isolated power supplies, the device prevents noise
currents on a high common-mode voltage line from
entering the local system ground and interfering with
or damaging low voltage circuitry.
The input of the AMC1304 is optimized for direct
connection to shunt resistors or other low voltagelevel
signal sources. The unique low input voltage
range of the ±50-mV device allows significant
reduction of the power dissipation through the shunt
while supporting excellent ac and dc performance. By
using an appropriate digital filter (that is, as integrated
on the TMS320F2807x or TMS320F2837x families) to
decimate the bit stream, the device can achieve 16
bits of resolution with a dynamic range of 81 dB (13.2
ENOB) at a data rate of 78 kSPS.
On the high-side, the modulator is supplied by an
integrated low-dropout (LDO) regulator that allows an
unregulated input voltage between 4 V and 18 V
(LDOIN). The isolated digital interface operates from
a 3.3-V or 5-V power supply (DVDD).
The AMC1304 is available in a wide-body SOIC-16
(DW) package and is specified from –40°C to
+125°C.




Similar Part No. - AMC1304L05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1304L05DW TI1-AMC1304L05DW Datasheet
1Mb / 39P
High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1304L05DWR TI1-AMC1304L05DWR Datasheet
1Mb / 39P
High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1304L05QDWQ1 TI1-AMC1304L05QDWQ1 Datasheet
1Mb / 39P
High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
More results


Similar Description - AMC1304L05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com