Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24259 Datasheet (PDF) - Texas Instruments

BQ24259 Datasheet PDF - Texas Instruments
Part # BQ24259
Download  BQ24259 Download
File Size   2363.57 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq24259 I2C Controlled 2A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG

BQ24259 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ24259 Datasheet PDF - Texas Instruments

Part # BQ24259
Download  BQ24259 Click to download

File Size   2363.57 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq24259 I2C Controlled 2A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG

BQ24259 Datasheet (HTML) - Texas Instruments


BQ24259 Product details

1 Features
• 90% High Efficiency Switch Mode 2-A Charger
• 3.9-V to 6.2-V Single Input USB-Compliant
Charger with 6.4-V Over-Voltage Protection
– Input voltage and current limit supports USB
2.0 and USB 3.0
– Input Current Limit: 100 mA, 150 mA, 500 mA,
900 mA, 1 A, 1.5 A, 2 A
• USB OTG with Adjustable output 4.55 V to 5.5 V
at 1 A or 1.5 A
– Fast OTG Startup (22 ms Typical)
– 90% 5-V Boost Mode Efficiency
– Accurate ±15% Hiccup Mode Overcurrent
Protection
• Narrow VDC (NVDC) Power Path Management
– Instant System On with No Battery or Deeply
Discharged Battery
– Ideal Diode Operation in Battery Supplement
Mode
• 1.5-MHz Switching Frequency for Low Profile 1.2-
mm Inductor
• I2C port for optimal system performance and
status reporting
• Autonomous Battery Charging with or without
Host Management
– Battery Charge Enable
– Battery Charge Preconditioning
– Charge Termination and Recharge
• High Accuracy
– ±0.5% Charge Voltage Regulation
– ±7% Charge Current Regulation
– ±7.5% Input Current Regulation
– ±3% Output Voltage Regulation in USB OTG
Boost Mode
• High Integration
– Power Path Management
– Synchronous Switching MOSFETs
– Integrated Current Sensing
– Bootstrap Diode
– Internal Loop Compensation
• Safety
– Battery Temperature Sensing for Charging and
Discharging in OTG Mode
– Battery Charging Safety Timer
– Thermal Regulation and Thermal Shutdown
– Input and System Over-Voltage Protection
– MOSFET Over-Current Protection
• Charge Status Outputs for LED or Host Processor
• Maximum power tracking capability by input
voltage regulation
• 20-μA Low Battery Leakage Current and Support
Shipping Mode
• 4-mm x 4-mm VQFN-24 Package

2 Applications
• Tablet PC, Smart Phone, Internet Devices
• Portable Audio Speaker

3 Description
The bq24259 is a highly-integrated switch-mode
battery charge management and system power path
management device for 1 cell Li-Ion and Li-polymer
battery in a wide range of smart phone and tablet
applications. Its low impedance power path optimizes
switch-mode operation efficiency, reduces battery
charging time and extends battery life during
discharging phase. The I2C serial interface with
charging and system settings makes the device a
truly flexible solution.




Similar Part No. - BQ24259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24259 TI1-BQ24259 Datasheet
882Kb / 48P
Controlled 2A Single Cell USB Charger
BQ24259RGER TI1-BQ24259RGER Datasheet
882Kb / 48P
Controlled 2A Single Cell USB Charger
BQ24259RGET TI1-BQ24259RGET Datasheet
882Kb / 48P
Controlled 2A Single Cell USB Charger
More results


Similar Description - BQ24259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24296 TI-BQ24296_15 Datasheet
1Mb / 55P
bq2429x I2C Controlled 3-A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24296M TI-BQ24296M_15 Datasheet
1Mb / 51P
bq24296M I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24297 TI-BQ24297_15 Datasheet
1Mb / 55P
bq2429x I2C Controlled 3-A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24298 TI-BQ24298_15 Datasheet
1Mb / 51P
bq24298 I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com