Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294707 Datasheet (PDF) - Texas Instruments

BQ294707 Datasheet PDF - Texas Instruments
Part # BQ294707
Download  BQ294707 Download
File Size   1877.33 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor

BQ294707 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ294707 Datasheet PDF - Texas Instruments

Part # BQ294707
Download  BQ294707 Click to download

File Size   1877.33 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor

BQ294707 Datasheet (HTML) - Texas Instruments


BQ294707 Product details

1 Features
• 2-, 3-, and 4-series cell overvoltage protection
• External capacitor-programmed delay timer
• Factory programmed OVP threshold (threshold
range 3.85 V to 4.6 V)
• Output options: active high or open drain active
low
• High-accuracy overvoltage protection: ±10 mV
• Low power consumption ICC ≈ 1 μA
(VCELL(ALL) < VPROTECT)
• Low leakage current per cell input < 100 nA
• Small package footprint
– 8-pin WSON (2.00 mm x 2.00 mm)

2 Applications
• Notebooks
• UPS battery backup

3 Description
The BQ2947 family is an overvoltage monitor and
protector for Li-Ion battery pack systems. Each cell is
monitored independently for an overvoltage condition.
In the BQ2947 device, an external delay timer is
initiated upon detection of an overvoltage condition on
any cell. Upon expiration of the delay timer, the output
is triggered into its active state (either high or low,
depending on the configuration). The external delay
timer feature also includes the ability to detect an
open or shorted delay capacitor on the CD pin, which
will similarly trigger the output driver in an overvoltage
condition.
For quicker production-line testing, the BQ2947
device provides a Customer Test Mode with 67
reduced delay time.




Similar Part No. - BQ294707

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
bq294707 TI1-bq294707 Datasheet
871Kb / 27P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI-BQ294707 Datasheet
2Mb / 28P
BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI2-BQ294707 Datasheet
1Mb / 30P
BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries With External Delay Capacitor
REVISED JUNE 2026
More results


Similar Description - BQ294707

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI-BQ2947 Datasheet
2Mb / 28P
BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com