Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KGM02CCG1E103AM Datasheet (PDF) - Kyocera Kinseki Corpotation

KGM02CCG1E103AM Datasheet PDF - Kyocera Kinseki Corpotation
Part # KGM02CCG1E103AM
Download  KGM02CCG1E103AM Download
File Size   429.31 Kbytes
Page   3 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description 0402 4 V X7T 10uF ±10%

KGM02CCG1E103AM Datasheet (PDF)

Go To PDF Page Download Datasheet
KGM02CCG1E103AM Datasheet PDF - Kyocera Kinseki Corpotation

Part # KGM02CCG1E103AM
Download  KGM02CCG1E103AM Click to download

File Size   429.31 Kbytes
Page   3 Pages
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation
Description 0402 4 V X7T 10uF ±10%

KGM02CCG1E103AM Datasheet (HTML) - Kyocera Kinseki Corpotation




Similar Part No. - KGM02CCG1E103AM

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KGM02CCG1E103AM KSS-KGM02CCG1E103AM Datasheet
430Kb / 3P
0201 6.3 V X7T 1uF ±10%
16.02.2023
KGM02CCG1E103AM KSS-KGM02CCG1E103AM Datasheet
430Kb / 3P
0402 6.3 V X7T 4.7uF ±10%
07.02.2023.
More results


Similar Description - KGM02CCG1E103AM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
13469 VICOR-13469 Datasheet
32Kb / 1P
CAPACITOR, ALEL, RADIAL, 10uF, -20%, 450V
20641 VICOR-20641 Datasheet
23Kb / 1P
CAP., SOLID TANTALUM 10uF, 20%, 25V
logo
Murata Manufacturing Co...
GRM32DR61E106K MURATA-GRM32DR61E106K Datasheet
61Kb / 1P
Chip Monolithic Ceramic Capacitor 1210 X5R 10uF 25V
logo
Kemet Corporation
C0402C106M7PACTU KEMET-C0402C106M7PACTU Datasheet
71Kb / 1P
Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 10 uF, /-20% Tol, 4 V, X5R, 0402 (1005 metric)
C0402C333K8RACTU KEMET-C0402C333K8RACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.033 uF, 10%, 10 V, 0402, X7R, SMD, MLCC, Temperature Stable, Class II
C0402C473K8PACTU KEMET-C0402C473K8PACTU Datasheet
72Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.047 uF, 10%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
C0402C104K8PACTU KEMET-C0402C104K8PACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
C0402C225K7PACTU KEMET-C0402C225K7PACTU Datasheet
71Kb / 1P
SMD Comm X5R, Ceramic, 2.2 uF, 10%, 4 V, X5R, SMD, MLCC, Temperature Stable, Class II, 0402
C0402C223K8PACTU KEMET-C0402C223K8PACTU Datasheet
71Kb / 1P
Ceramic, Commercial-(CxxxxC), 0.022 uF, 10%, 10 V, 0402, X5R, SMD, MLCC, Temperature Stable, Class II
C0402C473K8NACTU KEMET-C0402C473K8NACTU Datasheet
71Kb / 1P
Ceramic, 150C-(CxxxxC), 0.047 uF, 10%, 10 V, 0402, X8L, SMD, MLCC, High Temperature, Temperature Stable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com