Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBC326 Datasheet (PDF) - Elma Electronic Ltd

SBC326 Datasheet PDF - Elma Electronic Ltd
Part # SBC326
Download  SBC326 Download
File Size   240.79 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description 4th Generation Intel® Core™ i7 Based Rugged 3U VPX Single Board Computer

SBC326 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBC326 Datasheet PDF - Elma Electronic Ltd

Part # SBC326
Download  SBC326 Click to download

File Size   240.79 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description 4th Generation Intel® Core™ i7 Based Rugged 3U VPX Single Board Computer

SBC326 Datasheet (HTML) - Elma Electronic Ltd


SBC326 Product details

Features
• Single slot 3U VPX Single Board Computer
• 4th Generation Intel Core i7 quad core
processor (6 MB shared cache)
• Two channels of soldered DDR3 SDRAM
with ECC up to 16 GB
• Up to 32 GB NAND Flash
• XMC Site (x8 PCIe Gen 3 capable)
• Rear IO:
- Up to 3 Gigabit Ethernet Ports (either
one 1000BaseT plus two 1000BaseBX
or two 1000BaseT)
- 1x DVI / HDMI as standard (plus an
additional DVI/HDMI port on some
variants)
- 1x SATA 6 Gb/s port as standard (plus
additional two SATA 6 Gb/s ports on
some variants)
- 2x COM ports
- 2x USB 2.0 ports (plus an additional
USB 3.0 port on some variants)
- Audio (available on some variants)
- Up to 6x GPIO
• Five Levels of Ruggedization (Convection
and conduction cooling variants)
• AXIS and Deployed Test Software
• Windows®, Linux® and VxWorks
OS support




Similar Part No. - SBC326

ManufacturerPart #DatasheetDescription
logo
AUK corp
SBC327 AUK-SBC327 Datasheet
84Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327 Datasheet
87Kb / 3P
PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
SBC327 KODENSHI-SBC327 Datasheet
90Kb / 3P
High current application
logo
AUK corp
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC328 AUK-SBC328 Datasheet
85Kb / 3P
PNP Silicon Transistor
More results


Similar Description - SBC326

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA881 AXIOMTEK-CAPA881 Datasheet
192Kb / 1P
4th Generation Intel Core i7/i5/i3 processor
CAPA881 AXIOMTEK-CAPA881_17 Datasheet
321Kb / 1P
4th/5th generation Intel Core i7/i5/i3 & Celeron
logo
GSR Technology Ltd
HU968 GSR-HU968 Datasheet
405Kb / 2P
4th generation Intel® Core™ processors, BGA 1168
logo
Adlink Technology Inc.
VPX3001 ADLINK-VPX3001 Datasheet
757Kb / 4P
Rugged 3U VPX 3rd Generation Intel Core i7 Processor Blade
VPX3010 ADLINK-VPX3010 Datasheet
886Kb / 4P
Rugged 3U VPX Intel Xeon Processor D-1500 Processor Blade
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
PWS-870 ADVANTECH-PWS-870_V01 Datasheet
1Mb / 5P
10 Industrial Tablet with 4th Generation Intel® Core™ i Processor
4-Jun-2020
MIC-6314 ADVANTECH-MIC-6314 Datasheet
938Kb / 2P
OpenVPX CPU Blade with 4th/ 5th Generation Intel® Core™ Processor
21-Jun-2017
logo
AAEON Technology
DENEXT-TGU8 AAEON-DENEXT-TGU8 Datasheet
406Kb / 2P
86 x 55mm Single Board with 11th Generation Intel® Core™ i7/i5/i3 Processor
2022/11/14
BOXER-6646-ADP AAEON-BOXER-6646-ADP Datasheet
1Mb / 2P
Fanless Compact Embedded Computer with 12 Generation Intel® Core™ i7/i5/i3 Processor
2022/12/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com