Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDT458P Datasheet (PDF) - ON Semiconductor

FDT458P Datasheet PDF - ON Semiconductor
Part # FDT458P
Download  FDT458P Download
File Size   261.13 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 30V P-Channel PowerTrench® MOSFET

FDT458P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDT458P Datasheet PDF - ON Semiconductor

Part # FDT458P
Download  FDT458P Click to download

File Size   261.13 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 30V P-Channel PowerTrench® MOSFET

FDT458P Datasheet (HTML) - ON Semiconductor


FDT458P Product details

General Description
This P-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers, and battery chargers.
These MOSFETs feature faster switching and lower gate charge than other MOSFETs with comparable RDS(ON) specifications.

Applications
· Battery chargers
· Motor drives

Features
· 3.4 A, –30 V. RDS(ON) = 130 mW @ VGS = 10 V
RDS(ON) = 200 mW @ VGS = 4.5 V
· Fast switching speed
· Low gate charge (2.5 nC typical)
· High performance trench technology for extremely low RDS(ON)
· High power and current handling capability in a widely used surface mount package




Similar Part No. - FDT458P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT458P FAIRCHILD-FDT458P Datasheet
99Kb / 5P
30V P-Channel PowerTrench MOSFET
More results


Similar Description - FDT458P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS9400A FAIRCHILD-FDS9400A Datasheet
165Kb / 5P
30V P-Channel PowerTrench MOSFET
FDT458P FAIRCHILD-FDT458P Datasheet
99Kb / 5P
30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P Datasheet
67Kb / 5P
30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430 Datasheet
139Kb / 5P
30V P-Channel PowerTrench MOSFET
SI4435DY FAIRCHILD-SI4435DY Datasheet
93Kb / 5P
30V P-Channel PowerTrench MOSFET
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
30V P-Channel PowerTrench MOSFET
SI6435DQ FAIRCHILD-SI6435DQ Datasheet
110Kb / 5P
30V P-Channel PowerTrench MOSFET
FDD6685 FAIRCHILD-FDD6685 Datasheet
116Kb / 6P
30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
30V P-Channel PowerTrench MOSFET
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com