Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25700A Datasheet (PDF) - Texas Instruments

BQ25700A Datasheet PDF - Texas Instruments
Part # BQ25700A
Download  BQ25700A Download
File Size   1861.75 Kbytes
Page   85 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq25700A SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor

BQ25700A Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25700A Datasheet PDF - Texas Instruments

Part # BQ25700A
Download  BQ25700A Click to download

File Size   1861.75 Kbytes
Page   85 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq25700A SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor

BQ25700A Datasheet (HTML) - Texas Instruments


BQ25700A Product details

1 Features
1• Charge 1- to 4-Cell Battery From Wide Range of
Input Sources
– 3.5-V to 24-V Input Operating Voltage
– Supports USB2.0, USB 3.0, USB 3.1 (Type C),
and USB_PD Input Current Settings
– Seamless Transition Between Buck and Boost
Operation
– Input Current and Voltage Regulation (IDPM
and VDPM) Against Source Overload
• Power/Current Monitor for CPU Throttling
– Comprehensive PROCHOT Profile, IMVP8
Compliant
– Input and Battery Current Monitor
– System Power Monitor, IMVP8 Compliant
• Narrow-VDC (NVDC) Power Path Management
– Instant-On With No Battery or Deeply
Discharged Battery
– Battery Supplements System When Adapter is
Fully-Loaded
• Power Up USB Port From Battery (USB OTG)
– Output 4.48-V to 20.8-V Compatible With USB
PD
– Output Current Limit up to 6.35 A
• 800-kHz or 1.2-MHz Programmable Switching
Frequency for 1-μH to 3.3-μH Inductor
• Host Control Interface for Flexible System
Configuration
– SMBus (bq25700A) Port for Optimal System
Performance and Status Reporting
– Hardware Pin to Set Input Current Limit
Without EC Control
• Integrated ADC to Monitor Voltage, Current and
Power
• High Accuracy Regulation and Monitor
– ±0.5% Charge Voltage Regulation
– ±2% Input/Charge Current Regulation
– ±2% Input/Charge Current Monitor
– ±5% Power Monitor
• Safety
– Thermal Shutdown
– Input, System, Battery Overvoltage Protection
– MOSFET Inductor Overcurrent Protection
• Low Battery Quiescent Current
• Input Current Optimizer (ICO) to Extract Max Input
Power
• Charge Any Battery Chemistry: Li+, LiFePO4,
NiCd, NiMH, Lead Acid
• Package: 32-Pin 4 × 4 WQFN

2 Applications
• Ultra-Books, Notebooks, Detachable, Tablet PCs
and Power Bank
• Industrial and Medical Equipment
• Portable Equipment With Rechargeable Batteries

3 Description
The bq25700A is a synchronous NVDC battery buckboost
charge controller, offering low component
count, high efficiency solution for space-constraint,
multi-chemistry battery charging applications.
The NVDC-1 configuration allows the system to be
regulated at battery voltage, but not drop below
system minimum voltage. The system keeps
operating even when the battery is completely
discharged or removed. When load power exceeds
input source rating, the battery goes into supplement
mode and prevents the system from crashing.
The bq25700A charges battery from a wide range of
input sources including USB adapter, high voltage
USB PD sources and traditional adapters.




Similar Part No. - BQ25700A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25700A TI1-BQ25700A Datasheet
1Mb / 82P
SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25700A TI2-BQ25700A Datasheet
2Mb / 94P
BQ25713, BQ25713B I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
REVISED MAY 2023
BQ25700ARSNR TI1-BQ25700ARSNR Datasheet
1Mb / 82P
SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25700ARSNT TI1-BQ25700ARSNT Datasheet
1Mb / 82P
SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
More results


Similar Description - BQ25700A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24770 TI-BQ24770_15 Datasheet
794Kb / 11P
bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
BQ24773 TI-BQ24773_15 Datasheet
794Kb / 11P
bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
BQ25700A TI1-BQ25700A Datasheet
1Mb / 82P
SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703A TI1-BQ25703A Datasheet
1Mb / 81P
I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25708 TI1-BQ25708 Datasheet
1Mb / 77P
SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713 Datasheet
132Kb / 7P
I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25710 TI1-BQ25710 Datasheet
1Mb / 88P
SMBus Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713_18 Datasheet
1Mb / 91P
I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25720 TI-BQ25720 Datasheet
3Mb / 106P
BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25723 TI-BQ25723 Datasheet
3Mb / 108P
BQ25723 I2C 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com