Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ26220 Datasheet (PDF) - Texas Instruments

BQ26220 Datasheet PDF - Texas Instruments
Part # BQ26220
Download  BQ26220 Download
File Size   677.95 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-PERFORMANCE BATTERY MONITOR IC ‘WITH COULOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT

BQ26220 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ26220 Datasheet PDF - Texas Instruments

Part # BQ26220
Download  BQ26220 Click to download

File Size   677.95 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH-PERFORMANCE BATTERY MONITOR IC ‘WITH COULOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT

BQ26220 Datasheet (HTML) - Texas Instruments


BQ26220 Product details

FEATURES
Multifunction Monitoring Integrated Circuit
Designed to Work With an Intelligent Host
Controller :
− Provides State of Charge Information for
Rechargeable Batteries
− Provides Accurate Battery Voltage and
Temperature Measurement
High Accuracy Coulometric Charge and
Discharge Current Integration With
Automatic Offset Compensation
11-Bit Analog-to-Digital Converter Reports
Battery Voltage With Gain and Offset
Correction
Differential Current Sense
32 Bytes of General Purpose RAM
96 Bytes of Flash (Including 32 Bytes of
Shadow Flash)
8 Bytes of ID ROM
Internal Temperature Sensor Eliminates the
Need for an External Thermistor
Programmable Digital Input/Output Port
High-Accuracy Internal Timebase Eliminates
External Crystal Oscillator
Low Power Consumption:
− Operating : 30 μA
− Sleep: 1 μA
− Hibernate: 600 nA
Single-Wire HDQ Serial Interface
Packaging: 8-LEAD TSSOP

DESCRIPTION
The bq26220 is an advanced battery monitoring
device designed to accurately measure the
charge and discharge currents in rechargeable
battery packs. Intended for pack integration, the
bq26220 contains all the necessary functions to
form the basis of a comprehensive battery
capacity management system in portable
applications such as cellular phones, PDA’s, or
other portable products.
The bq26220 works with the host controller in the
portable system to implement the battery
management system. The host controller is
responsible for interpreting the bq26220 data and
communicating meaningful battery data to the
end-user or power management system.
This device provides 64 bytes of general-purpose
flash memory, 8 bytes of ID ROM and 32 bytes of
flash-backed RAM for data storage. The
nonvolatile memory can maintain formatted
battery monitor information, identification codes,
warranty information, or other critical battery
parameters during periods when the battery is
temporarily shorted or deeply discharged.




Similar Part No. - BQ26220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26220 TI-BQ26220 Datasheet
250Kb / 19P
HIGH PERFORMANCE BATTERY MONITOR IC WITH COULOMB COUNTER, VOLTAGE AND TEMPERATURE MEASUREMENT
BQ26220 TI1-BQ26220 Datasheet
1Mb / 26P
TEMPERATURE MEASUREMENT
BQ26220 TI2-BQ26220 Datasheet
674Kb / 26P
HIGH-PERFORMANCE BATTERY MONITOR IC ‘WITH COULOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
REVISED FEBRUARY 2004
BQ26220PW TI-BQ26220PW Datasheet
250Kb / 19P
HIGH PERFORMANCE BATTERY MONITOR IC WITH COULOMB COUNTER, VOLTAGE AND TEMPERATURE MEASUREMENT
BQ26220PW TI1-BQ26220PW Datasheet
1Mb / 26P
TEMPERATURE MEASUREMENT
More results


Similar Description - BQ26220

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2740 DALLAS-DS2740 Datasheet
248Kb / 15P
High-Precision Coulomb Counter
logo
Texas Instruments
BQ26221 TI-BQ26221 Datasheet
284Kb / 20P
HIGH PERFORMANCE BATTERY MONITOR IC WITH COUOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
BQ26200 TI-BQ26200 Datasheet
253Kb / 18P
HIGH-PERFORMANCE BATTERY MONITOR WITH COLOUMB COUNTER AND FLASH MEMORY
BQ26220 TI-BQ26220 Datasheet
250Kb / 19P
HIGH PERFORMANCE BATTERY MONITOR IC WITH COULOMB COUNTER, VOLTAGE AND TEMPERATURE MEASUREMENT
logo
Linear Technology
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
Coulomb Counter/ Battery Gas Gauge
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
Battery monitor IC with Coulomb counter/gas gauge
27-Jan-2009
logo
Linear Technology
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_15 Datasheet
177Kb / 14P
Coulomb Counter/ Battery Gas Gauge
LTC2942 LINER-LTC2942_15 Datasheet
237Kb / 18P
Battery Gas Gauge with Temperature, Voltage Measurement
logo
Maxim Integrated Produc...
DS2740 MAXIM-DS2740 Datasheet
311Kb / 16P
High-Precision Coulomb Counter
051805
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com