Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294502 Datasheet (PDF) - Texas Instruments

BQ294502 Datasheet PDF - Texas Instruments
Part # BQ294502
Download  BQ294502 Download
File Size   1633.31 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries

BQ294502 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ294502 Datasheet PDF - Texas Instruments

Part # BQ294502
Download  BQ294502 Click to download

File Size   1633.31 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries

BQ294502 Datasheet (HTML) - Texas Instruments


BQ294502 Product details

1 Features
• 2-series and 3-series cell overvoltage monitor for
secondary protection
• Fixed programmable delay timer
• Fixed OVP threshold
– Available range from 3.85 V to 4.6 V
• Fixed OVP delay option: 4 s or 6.5 s
• High-accuracy overvoltage protection:
±10 mV
• Low power consumption ICC ≈ 1 μA
(VCELL(ALL) < VPROTECT)
• Low leakage current per cell input < 100 nA
• Small package footprint
– 6-pin SON

2 Applications
• Second-level protection in Li-ion battery packs in:
– Tablets
– Slates
– Power tools
– Notebook computers
– Portable equipment and instrumentation

3 Description
The BQ2945xy family of products is a secondary-level
voltage monitor and protector for Li-ion battery pack
systems. Each cell is monitored independently for
an overvoltage condition. Based on the configuration,
an output is triggered after a fixed delay if any of
the two or three cells has an overvoltage condition.
This output is triggered into a high state after an
overvoltage condition satisfies the specified delay
timer.




Similar Part No. - BQ294502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502 Datasheet
1Mb / 26P
Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
2Mb / 24P
BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
1Mb / 24P
BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
BQ294502DRVR TI-BQ294502DRVR Datasheet
736Kb / 18P
Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
More results


Similar Description - BQ294502

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961_16 Datasheet
1Mb / 31P
Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_17 Datasheet
1Mb / 33P
Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502_V01 Datasheet
2Mb / 24P
BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502_V02 Datasheet
1Mb / 24P
BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com