Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2652RB Datasheet (PDF) - Texas Instruments

CC2652RB Datasheet PDF - Texas Instruments
Part # CC2652RB
Download  CC2652RB Download
File Size   2610.48 Kbytes
Page   71 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC2652RB SimpleLink™ Crystal-less BAW Multiprotocol 2.4 GHz Wireless MCU

CC2652RB Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2652RB Datasheet PDF - Texas Instruments

Part # CC2652RB
Download  CC2652RB Click to download

File Size   2610.48 Kbytes
Page   71 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC2652RB SimpleLink™ Crystal-less BAW Multiprotocol 2.4 GHz Wireless MCU

CC2652RB Datasheet (HTML) - Texas Instruments


CC2652RB Product details

1 Features
• Microcontroller
– Powerful 48-MHz Arm® Cortex®-M4F processor
– EEMBC CoreMark® score: 148
– 352KB of in-system programmable flash
– 256KB of ROM for protocols and library
functions
– 8KB of cache SRAM (alternatively available as
general-purpose RAM)
– 80KB of ultra-low leakage SRAM. The SRAM is
protected by parity to ensure high reliability of
operation.
– 2-pin cJTAG and JTAG debugging
– Supports over-the-air (OTA) update
• Ultra-low power sensor controller with 4KB of
SRAM
– Sample, store, and process sensor data
– Operation independent from system CPU
– Fast wake-up for low-power operation
• TI-RTOS, drivers, bootloader, Bluetooth® 5.2 low
energy controller, and IEEE 802.15.4 MAC in ROM
for optimized application size
• RoHS-compliant package
– 7-mm × 7-mm RGZ VQFN48 (31 GPIOs)
• Peripherals
– Digital peripherals can be routed to any GPIO
– 4× 32-bit or 8× 16-bit general-purpose timers
– 12-bit ADC, 200 kSamples/s, 8 channels
– 2× comparators with internal reference DAC
(1× continuous time, 1× ultra-low power)
– Programmable current source
– 2× UART
– 2× SSI (SPI, MICROWIRE, TI)
– I2C and I2S
– Real-time clock (RTC)
– AES 128- and 256-bit cryptographic accelerator
– ECC and RSA public key hardware accelerator
– SHA2 accelerator (full suite up to SHA-512)
– True random number generator (TRNG)
– Capacitive sensing, up to 8 channels
– Integrated temperature and battery monitor
• External system
– Integrated bulk acoustic wave (BAW) resonator
generating accurate clock with fast startup time
of 80 μs for system and RF
– On-chip buck DC/DC converter
• Low power
– Wide supply voltage range
• Normal operation: 1.8 to 3.8 V
• External regulator mode: 1.7 to 1.95 V
– Active mode RX: 7.3 mA
– Active mode TX 0 dBm: 7.9 mA
– Active mode TX 5 dBm: 10.2 mA
– Active mode MCU 48 MHz (CoreMark):
3.4 mA (71 μA/MHz)
– Sensor controller, low power-mode, 2 MHz,
running infinite loop: 30.8 μA
– Sensor controller, active mode, 24 MHz,
running infinite loop: 808 μA
– Standby: 0.94 μA (RTC on, 80KB RAM and
CPU retention)
• Radio section
– 2.4 GHz RF transceiver compatible with
Bluetooth 5.2 Low Energy and earlier LE
specifications and IEEE 802.15.4 PHY and
MAC
– 3-wire, 2-wire, 1-wire PTA coexistence
mechanisms
– Excellent receiver sensitivity:
-100 dBm for 802.15.4 (2.4 GHz),
-102 dBm for Bluetooth 5 Low Energy Coded
– Programmable output power up to +5 dBm
– Suitable for systems targeting compliance with
worldwide radio frequency regulations
• EN 300 328, (Europe)
• EN 300 440 Category 2
• FCC CFR47 Part 15
• ARIB STD-T66 (Japan)
• Wireless protocols
– Thread, Zigbee®, Bluetooth® 5.2 Low Energy,
IEEE 802.15.4, IPv6-enabled smart objects
(6LoWPAN), proprietary systems, SimpleLink™
TI 15.4 stack (2.4 GHz), and dynamic
multiprotocol manager (DMM) driver.
• Development Tools and Software
– CC2652RB LaunchPad™ Development Kit
– SimpleLink™ CC13x2 and CC26x2 Software
Development Kit
– SmartRF™ Studio for simple radio configuration
– Sensor Controller Studio for building low-power
sensing applications

2 Applications
• 2400 to 2480 MHz ISM and SRD systems 1
with down to 4 kHz of receive bandwidth
• Building automation
– Building security systems – motion detector,
electronic smart lock, door and window sensor,
garage door system, gateway
– HVAC – thermostat, wireless environmental
sensor, HVAC system controller, gateway
– Fire safety system – smoke and heat detector,
fire alarm control panel (FACP)
– Video surveillance – IP network camera
– Elevators and escalators – elevator main
control panel for elevators and escalators
• Grid infrastructure
– Smart meters – water meter, gas meter,
electricity meter, and heat cost allocators
– Grid communications – wireless
communications – Long-range sensor
applications
– Other alternative energy – energy harvesting
• Industrial transport – asset tracking
• Factory automation and control
• Medical
• Electronic point of sale (EPOS) – Electronic Shelf
Label (ESL)
• Personal electronics
– Wired networking – wireless LAN or Wi-Fi
access points, edge router, small business
router
– Portable electronics – RF smart remote control
– Home theater & entertainment – smart
speakers, smart display, set-top box, streaming
media player
– Connected peripherals – consumer wireless
module, wireless data access card
– Gaming – electronic and robotic toys
– Wearables (non-medical) – smart trackers

3 Description
The SimpleLink™ CC2652RB device is the industry’s first multiprotocol 2.4 GHz wireless crystal-less
microcontroller (MCU) with integrated TI Bulk Acoustic Wave (BAW) resonator technology supporting Thread,
Zigbee®, Bluetooth® 5.2 Low Energy, IEEE 802.15.4, IPv6-enabled smart objects (6LoWPAN), proprietary
systems, including the TI 15.4-Stack (2.4 GHz), and concurrent multiprotocol operation through the Dynamic
Multiprotocol Manager (DMM) software driver. Integrated BAW resonator technology eliminates the need for
external crystals without compromising latency or frequency stability. The device is optimized for low-power
wireless communication and advanced sensing in building security systems, HVAC, medical, power tool, wired
networking, portable electronics, home theater & entertainment, and connected peripherals markets.
The highlighted features of TI Bulk Acoustic Wave (BAW) resonator technology include:
• Unparalleled RF performance with high-performance frequency stability (±40 PPM) across temperature
(-40°C to 85°C) and full operating voltage (1.8 V to 3.8 V), ultra-low jitter and phase noise to meet various
wireless communication standards clock requirements.
• Efficient development and production cycles by eliminating crystal oscillator sourcing and reducing costly
board re-designs and re-certification due to external crystal layout and assembly issues.
• Optimized Bill of Material (BOM) and PCB area savings (12% average).
• Superior long-term clock stability and aging performance (10 years) in comparison with most standard quartz
crystal (longest 5 years aging) enables longer product lifecycles.
• Robust vibration and mechanical shock resistance (3× lower PPM variance versus external crystal) reduces
product replacement costs from external crystal failure and allows for operation in harsh environments, such
as in motors or heavy machinery.
• Mitigation of potential timing related side channel attacks from external clock tampering.
The highlighted features of the SimpleLink™ MCU platform include:
• Wide flexibility of protocol stack support in the SimpleLink™ CC13x2 and CC26x2 Software Development Kit
(SDK).
• Longer battery life wireless applications with low standby current of 0.84 μA and full RAM retention.
• Industrial temperature ready with lowest standby current of 5.6 μA at 85°C.
• Advanced sensing with a programmable, autonomous ultra-low power Sensor Controller CPU with fast wakeup
capability. As an example, the sensor controller is capable of 1-Hz ADC sampling at 1 μA system current.
• Low SER (Soft Error Rate) FIT (Failure-in-time) for long operation lifetime with no disruption for industrial
markets with always-on SRAM parity against corruption due to potential radiation events.
• Dedicated software-defined radio controller (Arm® Cortex®-M0) providing flexible low-power RF transceiver
capability to support multiple physical layers and RF standards.
The CC2652RB device is part of the SimpleLink™ MCU platform, which consists of Wi-Fi®, Bluetooth Low
Energy, Thread, Zigbee, Sub-1 GHz MCUs, and host MCUs that all share a common, easy-to-use development
environment with a single core software development kit (SDK) and rich tool set. A one-time integration of the
SimpleLink™ platform enables you to add any combination of the portfolio’s devices into your design, allowing
100 percent code reuse when your design requirements change. For more information, visit SimpleLink™ MCU
platform.




Similar Part No. - CC2652RB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2652RB TI1-CC2652RB Datasheet
2Mb / 54P
SimpleLink crystal-less BAW multiprotocol 2.4-GHz wireless MCU
CC2652RB TI1-CC2652RB Datasheet
1Mb / 47P
SimpleLink crystal-less BAW multiprotocol 2.4-GHz wireless MCU
CC2652RB TI-CC2652RB Datasheet
2Mb / 58P
CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC2652RB TI-CC2652RB Datasheet
3Mb / 63P
CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2652RB TI-CC2652RB Datasheet
2Mb / 72P
CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
More results


Similar Description - CC2652RB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
SimpleLink Multiprotocol 2.4-GHz Wireless MCU
CC2652RB TI1-CC2652RB Datasheet
2Mb / 54P
SimpleLink crystal-less BAW multiprotocol 2.4-GHz wireless MCU
CC2652RB TI1-CC2652RB_19 Datasheet
1Mb / 47P
SimpleLink crystal-less BAW multiprotocol 2.4-GHz wireless MCU
CC2652P TI1-CC2652P Datasheet
2Mb / 74P
CC2652P SimpleLink??Multiprotocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
CC2652R7 TI-CC2652R7 Datasheet
2Mb / 58P
CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC2651R3 TI-CC2651R3 Datasheet
2Mb / 60P
CC2651R3 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
SWRS258 ??SEPTEMBER 2021
CC2652P7 TI-CC2652P7 Datasheet
1Mb / 53P
CC2652P7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
NOVEMBER 2021
CC2652RSIP TI-CC2652RSIP_V01 Datasheet
2Mb / 67P
CC2652RSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package
FEBRUARY 2022
CC2674P10 TI-CC2674P10 Datasheet
3Mb / 72P
CC2674P10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU with Integrated Power Amplifier
REVISED JUNE 2023
CC2674R10 TI1-CC2674R10 Datasheet
3Mb / 69P
CC2674R10 SimpleLink™ High-Performance Multiprotocol 2.4-GHz Wireless MCU
REVISED JUNE 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com