Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC16245ADL Datasheet (PDF) - Texas Instruments

SN74LVC16245ADL Datasheet PDF - Texas Instruments
Part # SN74LVC16245ADL
Download  SN74LVC16245ADL Download
File Size   561.32 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC16245A 16-Bit Bus Transceiver With 3-State Outputs

SN74LVC16245ADL Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC16245ADL Datasheet PDF - Texas Instruments

Part # SN74LVC16245ADL
Download  SN74LVC16245ADL Click to download

File Size   561.32 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC16245A 16-Bit Bus Transceiver With 3-State Outputs

SN74LVC16245ADL Datasheet (HTML) - Texas Instruments


SN74LVC16245ADL Product details

1 Features
1• Member of the Texas Instruments
Widebus™ Family
• Operates From 1.65 V to 3.6 V
• Inputs Accept Voltages to 5.5 V
• Max tpd of 4 ns at 3.3 V
• Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
• Typical VOHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
• Supports Mixed-Mode Signal Operation on All
Ports (5-V Input/Output Voltage With
3.3-V VCC)
• Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back-Drive Protection
• Latch-Up Performance Exceeds 250 mA Per
JESD 17
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

2 Applications
• Electronic Points of Sale
• Printers and Other Peripherals
• Motor Drives
• Wireless and Telecom Infrastructures
• Wearable Health and Fitness Devices

3 Description
This 16-bit (dual-octal) noninverting bus transceiver is
designed for 1.65-V to 3.6-V VCC operation.
The SN74LVC16245A device is designed for
asynchronous communication between data buses.
This device can be used as two 8-bit transceivers or
one 16-bit transceiver.




Similar Part No. - SN74LVC16245ADL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16245ADL TI-SN74LVC16245ADL Datasheet
473Kb / 14P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245ADL TI-SN74LVC16245ADL Datasheet
519Kb / 18P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245ADL TI-SN74LVC16245ADL Datasheet
646Kb / 19P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245ADL TI-SN74LVC16245ADL Datasheet
660Kb / 19P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245ADL TI2-SN74LVC16245ADL Datasheet
560Kb / 26P
SN74LVC16245A 16-Bit Bus Transceiver With 3-State Outputs
REVISED JUNE 2014
More results


Similar Description - SN74LVC16245ADL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245A TI-SN74LVCH16245A_06 Datasheet
464Kb / 17P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
16-Bit Bus Transceiver With 3-State Outputs
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com