Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF-ATR-VPX Datasheet (PDF) - Elma Electronic Ltd

SFF-ATR-VPX Datasheet PDF - Elma Electronic Ltd
Part # SFF-ATR-VPX
Download  SFF-ATR-VPX Download
File Size   979.94 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description Small Form Factor ATR

SFF-ATR-VPX Datasheet (PDF)

Go To PDF Page Download Datasheet
SFF-ATR-VPX Datasheet PDF - Elma Electronic Ltd

Part # SFF-ATR-VPX
Download  SFF-ATR-VPX Click to download

File Size   979.94 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description Small Form Factor ATR

SFF-ATR-VPX Datasheet (HTML) - Elma Electronic Ltd


SFF-ATR-VPX Product details

FEATURES
• Weight Approximately 4Kg (Without Boards)
• Arinc 404 Mounting System Including Front Hooks And
Rear Dowels
• ½ ATR Form Factor With Custom (230mm) Length
• Aluminium Construction With ChromiTAL TCP Finish
(Alochrom Option Available)
• Sealing Possible To IP67
• Rear Carrying Handle
• Front Extraction Handle
• 4 Slots, 5HP Wide (1” Pitch) For Payload Cards
• 3U Conduction Cooled Plug In Module Slots
• Front Panel Connectors For Interface To External Systems
• 28V DC Input
• Power Filtering And Protection
• Configurable Front Panel Interface Card
• 22000 RPM Fan With Tachometer Signal
• Optional Fan Speed Control




Similar Part No. - SFF-ATR-VPX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFF-018 ETC2-SFF-018 Datasheet
128Kb / 1P
Soft Fast Feets
SFF-018 ETC2-SFF-018 Datasheet
161Kb / 1P
SOFT FAST FEET
SFF-021 ETC2-SFF-021 Datasheet
161Kb / 1P
SOFT FAST FEET
SFF-023 ETC2-SFF-023 Datasheet
128Kb / 1P
Soft Fast Feets
SFF-023 ETC2-SFF-023 Datasheet
161Kb / 1P
SOFT FAST FEET
More results


Similar Description - SFF-ATR-VPX

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
Small Form-Factor Pluggable
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
Small Form-Factor Pluggable
408-32163 TEC-408-32163 Datasheet
409Kb / 4P
Enhanced Small Form-Factor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6160-001 AVAGO-ADNS-6160-001 Datasheet
332Kb / 3P
Small Form Factor Trim Lens
logo
Dialog Semiconductor
SLG7NT4741 DIALOG-SLG7NT4741 Datasheet
270Kb / 10P
Small Form Factor CRB
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
Small Form Factor CRB
February 25, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com