Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGS14M8U9 Datasheet (PDF) - Infineon Technologies AG

BGS14M8U9 Datasheet PDF - Infineon Technologies AG
Part # BGS14M8U9
Download  BGS14M8U9 Download
File Size   732.35 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Power SP4T MIPI RF Switch

BGS14M8U9 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGS14M8U9 Datasheet PDF - Infineon Technologies AG

Part # BGS14M8U9
Download  BGS14M8U9 Click to download

File Size   732.35 Kbytes
Page   22 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Power SP4T MIPI RF Switch

BGS14M8U9 Datasheet (HTML) - Infineon Technologies AG


BGS14M8U9 Product details

Features
 39 dBm power handling capability
 Fast switching speed of 1.3 µs
 Operating up to 7.125 GHz to support latest 5G requirements
 Fully compatible with MIPI 2.1 RFFE standard with 2 USIDs
 Single VIO supply supporting both 1.2 V and 1.8 V
 High port-to-port-isolation
 No power supply decoupling required
 No blocking capacitors required if no DC applied on RF lines
 High EMI robustness
 Ultra low profile lead-less plastic package (MSL-3, 260 C per IPC/JEDEC J-STD-20)

Potential Applications
5G and 4G Cellular handsets and cellular modems

Product Description
The BGS14M8U9 is a Single Pole Four Throw (SP4T) high power switch in a compact 9-pin package (1.1 x 1.1 mm²).
The device is optimized for 5G and other cellular applications up to 7.125 GHz. With a low insertion loss, high isolation, high linearity and high power handling, BGS14M8U9 is perfect for 5G and LTE 4G applications, such as 5G SRS, Uplink-Carrier Aggregation, High Power User Equipment (HPUE Class 2).




Similar Part No. - BGS14M8U9

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGS14MA11 INFINEON-BGS14MA11 Datasheet
529Kb / 17P
MIPI 2.0 SP4T switch for LTE diversity, Tx and LAA applications
Revision 2.1 2018-07-17
BGS14MPA9 INFINEON-BGS14MPA9 Datasheet
540Kb / 18P
High Linearity, High Power SP4T RF Switch with MIPI 2.0
Revision 2.1 2018-11-21
More results


Similar Description - BGS14M8U9

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWP2261 SPECTRUM-TWP2261 Datasheet
61Kb / 1P
SP4T RF SWITCH
TWP2262 SPECTRUM-TWP2262 Datasheet
63Kb / 1P
SP4T RF SWITCH
logo
Integrated Device Techn...
F2914NBGK IDT-F2914NBGK Datasheet
258Kb / 1P
High Reliability SP4T RF Switch
logo
Infineon Technologies A...
BGS14PN10 INFINEON-BGS14PN10 Datasheet
2Mb / 16P
SP4T high linearity, high power RF Switch
Revision 1.3 - 2016-08-24
logo
Mini-Circuits
JSW4-272DR MINI-JSW4-272DR Datasheet
390Kb / 7P
SP4T RF Switch
ZSWA4-63DR MINI-ZSWA4-63DR Datasheet
708Kb / 7P
SP4T RF Switch
logo
Infineon Technologies A...
BGS14MPA9 INFINEON-BGS14MPA9 Datasheet
540Kb / 18P
High Linearity, High Power SP4T RF Switch with MIPI 2.0
Revision 2.1 2018-11-21
BGSA142GN12 INFINEON-BGSA142GN12 Datasheet
394Kb / 2P
High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
BGSA142M2N12 INFINEON-BGSA142M2N12 Datasheet
381Kb / 2P
High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
BGSA142MN12 INFINEON-BGSA142MN12 Datasheet
417Kb / 2P
High RF Voltage SP4T Switch
Revision 1.1 2020-02-17
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com