Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC421A125 Datasheet (PDF) - Texas Instruments

CDC421A125 Datasheet PDF - Texas Instruments
Part # CDC421A125
Download  CDC421A125 Download
File Size   1477.04 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator

CDC421A125 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDC421A125 Datasheet PDF - Texas Instruments

Part # CDC421A125
Download  CDC421A125 Click to download

File Size   1477.04 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator

CDC421A125 Datasheet (HTML) - Texas Instruments


CDC421A125 Product details

1FEATURES
2· Single 3.3-V Supply
· High-Performance Clock Generator,
Incorporating Crystal Oscillator Circuitry with
Integrated Frequency Synthesizer
· Low Output Jitter: As low as 380 fs (RMS
integrated between 10 kHz to 20 MHz)
· Low Phase Noise at 312.5 MHz:
– Less than –120 dBc/Hz at 10 kHz and
–147 dBc/Hz at 10-MHz offset from carrier
· Supports Crystal or LVCMOS Input
Frequencies at 31.25 MHz, 33.33 MHz, and
35.42 MHz
· Output Frequencies: 100 MHz, 106.25 MHz,
125 MHz, 156.25 MHz, 212.5 MHz, 250 MHz, and
312.5 MHz
· Differential Low-Voltage Positive Emitter
Coupled Logic (LVPECL) Outputs
· Fully-Integrated Voltage-Controlled Oscillator
(VCO): Runs from 1.75 GHz to 2.35 GHz
· Typical Power Consumption: 300 mW
· Chip Enable Control Pin
· Available in 4-mm × 4-mm QFN-24 Package
· ESD Protection Exceeds 2 kV (HBM)
· Industrial Temperature Range: –40°C to +85°C

APPLICATIONS
· Low-Cost, Low-Jitter Frequency Multiplier

DESCRIPTION
The CDC421Axxx is a high-performance,
low-phase-noise clock generator. It has an integrated
low-noise, LC-based voltage-controlled oscillator
(VCO) that operates within the 1.75 GHz to 2.35 GHz frequency range. It has an integrated crystal oscillator
that operates in conjunction with an external AT-cut
crystal to produce a stable frequency reference for a
phase-locked loop (PLL)-based frequency
synthesizer. The output frequency (fOUT) is
proportional to the frequency of the input crystal (fXTAL).
The device operates in 3.3-V supply environment and
is characterized for operation from –40°C to +85°C. The CDC421Axxx is available in a QFN-24 4-mm ×
4-mm package.
The CDC421Axxx differs from the CDC421xxx in the following ways:
· Device Startup
The CDC421Axxx has an improved startup circuit
to enable correct operation for all power-supply
ramp times.




Similar Part No. - CDC421A125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421A125 TI1-CDC421A125 Datasheet
619Kb / 15P
Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDC421A125RGER TI1-CDC421A125RGER Datasheet
619Kb / 15P
Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDC421A125RGET TI1-CDC421A125RGET Datasheet
619Kb / 15P
Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
More results


Similar Description - CDC421A125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDC421A100 TI1-CDC421A100 Datasheet
619Kb / 15P
Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
Low - Jitter Clock Generator with Integrated VCO
logo
Texas Instruments
CDC421100RGER TI1-CDC421100RGER_14 Datasheet
173Kb / 9P
FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
Low Jitter Clock Generator
9/15-Rev. B to Rev. C
logo
Abracon Corporation
AK2A ABRACON-AK2A Datasheet
1Mb / 11P
Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
AK3A ABRACON-AK3A Datasheet
1Mb / 11P
Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com