Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4044B-MIL Datasheet (PDF) - Texas Instruments

CD4044B-MIL Datasheet PDF - Texas Instruments
Part # CD4044B-MIL
Download  CD4044B-MIL Download
File Size   2167.62 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Quad 3-State R/S Latches High-Voltage Types (20-Volt Rating) Quad NOR R/S Latch — CD40438 ‘Quad NAND R/S Latch — CD40448

CD4044B-MIL Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4044B-MIL Datasheet PDF - Texas Instruments

Part # CD4044B-MIL
Download  CD4044B-MIL Click to download

File Size   2167.62 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CMOS Quad 3-State R/S Latches High-Voltage Types (20-Volt Rating) Quad NOR R/S Latch — CD40438 ‘Quad NAND R/S Latch — CD40448

CD4044B-MIL Datasheet (HTML) - Texas Instruments


CD4044B-MIL Product details

Features:
3-state outputs with common output
ENABLE
Separate SET and RESET inputs for
each latch
NOR and NAND configurations
5.V, 10-V, and 15-V parametric ratings
= Standardized symmetrical output
characteristics
100% tested for quiescent current at 20 V
Maximum input current of 1 uA at 18 V over
full package temperature range; 100 nA at
18 V and 25°C
Noise margin (over full package temperature
range): 1VatVpp=5V
2VatVpp=10V
25VatVpp=15V
Meets all requirements of JEDEC Tentative
Standard No. 138, ‘‘Standard Specifications
for Description of ‘B’ Series CMOS Devices”




Similar Part No. - CD4044B-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4044B-MIL TI1-CD4044B-MIL Datasheet
1Mb / 31P
CMOS Quad 3-State R/S Latches
More results


Similar Description - CD4044B-MIL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC279 STMICROELECTRONICS-M54HC279 Datasheet
239Kb / 10P
QUAD S - R LATCH
Mar-1993
logo
Toshiba Semiconductor
TC4044BP TOSHIBA-TC4044BP Datasheet
238Kb / 6P
QUAD 3-STATE R/S LATCH(Quad NAND R/S Latch)
logo
System Logic Semiconduc...
SL4043B SLS-SL4043B Datasheet
44Kb / 6P
Quad 3-State R/S Latch
logo
Fairchild Semiconductor
CD4043BC FAIRCHILD-CD4043BC Datasheet
68Kb / 6P
Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
DM74LS279 FAIRCHILD-DM74LS279 Datasheet
47Kb / 4P
Quad S-R Latch
logo
National Semiconductor ...
CD4043BM NSC-CD4043BM Datasheet
136Kb / 6P
Quad TRI-STATE NOR(NAND) R/S Latches
logo
STMicroelectronics
M74HC279 STMICROELECTRONICS-M74HC279 Datasheet
283Kb / 10P
QUAD S - R LATCH
Aug-2001
logo
List of Unclassifed Man...
MMC4043 ETC1-MMC4043 Datasheet
440Kb / 3P
QUAD 3-STATE NOR/ NAND R/S LATCHES
logo
Toshiba Semiconductor
TC74HC279AP TOSHIBA-TC74HC279AP_07 Datasheet
279Kb / 8P
Quad S-R Latch
TC4044BP TOSHIBA-TC4044BP_07 Datasheet
290Kb / 9P
Quad 3-State R/S Latch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com