Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC081C081 Datasheet (PDF) - Texas Instruments

DAC081C081 Datasheet PDF - Texas Instruments
Part # DAC081C081
Download  DAC081C081 Download
File Size   1465.13 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC081C08x 8-Bit Micro Power Digital-to-Analog Converter With An I2C-Compatible Interface

DAC081C081 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC081C081 Datasheet PDF - Texas Instruments

Part # DAC081C081
Download  DAC081C081 Click to download

File Size   1465.13 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC081C08x 8-Bit Micro Power Digital-to-Analog Converter With An I2C-Compatible Interface

DAC081C081 Datasheet (HTML) - Texas Instruments


DAC081C081 Product details

1 Features
1• Ensured Monotonicity to 8-bits
• Low Power Operation: 156 μA Maximum at 3.3 V
• Extended Power Supply Range (2.7 V to 5.5 V)
• I2C-Compatible 2-Wire Interface Which Supports
Standard (100-kHz), Fast (400-kHz), and High-
Speed (3.4-MHz) Modes
• Rail-to-Rail Voltage Output
• Very Small Package
• Resolution 8 Bits
• INL ±0.6 LSB (Maximum)
• DNL ±0.1 LSB (Maximum)
• Settling Time 4.5 μs (Maximum)
• Zero Code Error +10 mV (Maximum)
• Full-Scale Error −0.7 %FS (Maximum)
• Supply Power
– Normal
– 380 μW (3 V)
– 730 μW (5 V) Typical
– Power Down
– 0.5 μW (3 V)
– 0.9 μW (5 V) Typical

2 Applications
• Industrial Process Control
• Portable Instruments
• Digital Gain and Offset Adjustments
• Programmable Voltage and Current Sources
• Test Equipment

3 Description
The DAC081C08x device is an 8-bit, single-channel,
voltage-output digital-to-analog converter (DAC) that
operates from a 2.7-V to 5.5-V supply. The output
amplifier allows rail-to-rail output swing and has an
4.5-μsec settling time. The DAC081C081 uses the
supply voltage as the reference to provide the widest
dynamic output range and typically consumes 132 μA
while operating at 5 V. It is available in 6-lead SOT
and WSON packages and provides three address
options (pin selectable).
As an alternative, the DAC081C085 provides nine I2C
addressing options and uses an external reference. It
has the same performance and settling time as the
DAC081C081. It is available in an 8-lead VSSOP.
The DAC081C081 and DAC081C085 use a 2-wire,
I2C-compatible serial interface that operates in all
three speed modes, including high-speed mode (3.4
MHz). An external address selection pin allows up to
three DAC081C081 or nine DAC081C085 devices
per 2-wire bus. Pin-compatible alternatives to the
DAC081C081 are available that provide additional
address options.




Similar Part No. - DAC081C081

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC081C081 NSC-DAC081C081 Datasheet
681Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC081C081 NSC-DAC081C081 Datasheet
641Kb / 24P
8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
DAC081C081 TI1-DAC081C081 Datasheet
1Mb / 41P
8-Bit Micro Power Digital-to-Analog Converter
DAC081C081 TI2-DAC081C081 Datasheet
1Mb / 42P
DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface
REVISED JANUARY 2016
logo
National Semiconductor ...
DAC081C081CIMK NSC-DAC081C081CIMK Datasheet
641Kb / 24P
8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
More results


Similar Description - DAC081C081

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
National Semiconductor ...
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC081C081 NSC-DAC081C081_08 Datasheet
641Kb / 24P
8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
DAC101C085CIMM TI-DAC101C085CIMM Datasheet
1Mb / 36P
DAC101C081/DAC101C081Q/DAC101C085 10-Bit Micro Power Digital-to-Analog Converter with an I2C??Compatible Interface
ADC081C027CIMK TI-ADC081C027CIMK Datasheet
1Mb / 41P
ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
logo
National Semiconductor ...
DAC101C081CIMK NSC-DAC101C081CIMK Datasheet
661Kb / 24P
10-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
ADS7830 TI1-ADS7830_14 Datasheet
930Kb / 27P
8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
DAC101C081 TI1-DAC101C081_16 Datasheet
1Mb / 40P
DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com