Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC121C081 Datasheet (PDF) - Texas Instruments

DAC121C081 Datasheet PDF - Texas Instruments
Part # DAC121C081
Download  DAC121C081 Download
File Size   1450.73 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC121C081 and DAC121C085 12-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface

DAC121C081 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC121C081 Datasheet PDF - Texas Instruments

Part # DAC121C081
Download  DAC121C081 Click to download

File Size   1450.73 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC121C081 and DAC121C085 12-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface

DAC121C081 Datasheet (HTML) - Texas Instruments


DAC121C081 Product details

1 Features
1• Ensured Monotonicity to 12-Bits
• Low Power Operation: 156-μA Maximum at 3.3 V
• Extended Power Supply Range (2.7 V to 5.5 V)
• I2C-Compatible 2-Wire Interface Which Supports
Standard (100-kHz), Fast (400-kHz), and High-
Speed (3.4-MHz) Modes
• Rail-to-Rail Voltage Output
• Very Small Package
• Resolution: 12 bits
• INL: ±8 LSB (Maximum)
• DNL: 0.6 / –0.5 LSB (Maximum)
• Settling Time: 8.5 μs (Maximum)
• Zero Code Error: 10 mV (Maximum)
• Full-Scale Error: −0.7%FS (Maximum)
• Supply Power
– Normal: 380 μW (3 V) / 730 μW (5 V) (Typical)
– Power Down: 0.5 μW (3 V) / 0.9 μW (5 V)
(Typical)

2 Applications
• Industrial Process Control
• Portable Instruments
• Digital Gain and Offset Adjustment
• Programmable Voltage and Current Sources
• Test Equipment

3 Description
The DAC121C081 is a 12-bit, single-channel,
voltage-output digital-to-analog converter (DAC) that
operates from a 2.7-V to 5.5-V supply. The output
amplifier allows rail-to-rail output swing and has an
8.5-μs settling time. The DAC121C081 uses the
supply voltage as the reference to provide the widest
dynamic output range, and typically consumes 132
μA while operating at 5 V. It is available in 6-pin SOT
and WSON packages, and provides three address
options (pin selectable).
As an alternative, the DAC121C085 provides nine I2C
addressing options and uses an external reference. It
has the same performance and settling time as the
DAC121C081, and is available in an 8-lead VSSOP.




Similar Part No. - DAC121C081

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081 Datasheet
683Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
DAC121C081 TI2-DAC121C081 Datasheet
1Mb / 42P
DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface
REVISED JANUARY 2016
DAC121C081CIMK/NOPB TI1-DAC121C081CIMK/NOPB Datasheet
1Mb / 34P
12-Bit Micro Power Digital-to-Analog Converter
DAC121C081CIMKX/NOPB TI1-DAC121C081CIMKX/NOPB Datasheet
1Mb / 34P
12-Bit Micro Power Digital-to-Analog Converter
More results


Similar Description - DAC121C081

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
National Semiconductor ...
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC081C081 NSC-DAC081C081_08 Datasheet
641Kb / 24P
8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
DAC101C085CIMM TI-DAC101C085CIMM Datasheet
1Mb / 36P
DAC101C081/DAC101C081Q/DAC101C085 10-Bit Micro Power Digital-to-Analog Converter with an I2C??Compatible Interface
logo
National Semiconductor ...
DAC101C081CIMK NSC-DAC101C081CIMK Datasheet
661Kb / 24P
10-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
ADC121C021 TI1-ADC121C021_14 Datasheet
1Mb / 44P
I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
DAC101C081 TI1-DAC101C081_16 Datasheet
1Mb / 40P
DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com