Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7678 Datasheet (PDF) - Texas Instruments

DAC7678 Datasheet PDF - Texas Instruments
Part # DAC7678
Download  DAC7678 Download
File Size   3675.02 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference

DAC7678 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7678 Datasheet PDF - Texas Instruments

Part # DAC7678
Download  DAC7678 Click to download

File Size   3675.02 Kbytes
Page   57 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference

DAC7678 Datasheet (HTML) - Texas Instruments


DAC7678 Product details

1FEATURES
23• Relative Accuracy:
– 1 LSB INL
• Glitch Energy: 0.15nV-s
• Internal Reference:
– 2.5V Reference Voltage (disabled by
default)
– ±5mV Initial Accuracy (max)
– 5ppm/°C Temperature Drift (typ)
– 25ppm/°C Temperature Drift (max)
– 20mA Sink/Source Capability
• Power-On Reset to Zero Scale or Midscale
– Devices in the TSSOP Package Reset to
Zero Scale
– Devices in the QFN Package Reset to Zero
Scale or Midscale
• Ultra-Low Power Operation: 0.13mA/Channel
at 5V (without internal reference current)
• Wide Power-Supply Range: +2.7V to +5.5V
• 2-Wire Serial Interface ( I2C™ compatible)
• On-Chip Output Buffer Amplifier with Rail-to-
Rail Operation
• Temperature Range: –40°C to +125°C

APPLICATIONS
• Portable Instrumentation
• Closed-Loop Servo-Control
• Process Control
• Data Acquisition Systems
• Programmable Attenuation
• PC Peripherals

DESCRIPTION
The DAC7678 is a low-power, voltage-output, octal
channel, 12-bit digital-to-analog converter (DAC). The
DAC7678 includes a 2.5V internal reference (disabled
by default), giving a full-scale output voltage range of
5V. The internal reference has an initial accuracy of
±5mV and can source up to 20mA at the
VREFIN/VREFOUT pin. The device is monotonic,
provides very good linearity, and minimizes undesired
code-to-code transient voltages (glitch).
The DAC7678 uses a versatile, 2-wire serial interface
that is I2C-compatible and operates at clock rates of
up to 3.4MHz. Multiple devices can share the same
bus.
The DAC7678 incorporates a power-on-reset circuit
that ensures the DAC output powers up to either
zero-scale or mid-scale until a valid code is written to the device. These devices contain a power-down
feature, accessed over the serial interface that
reduces the current consumption of the device to
typically 0.42μA at 5V. Power consumption (including
internal reference) is typically 3.56mW at 3V,
reducing to 0.68μW in power-down mode. The low
power consumption, internal reference, and small
footprint make this device ideal for portable, batteryoperated
equipment. The DAC7678 is drop-in and
functionally compatible with DAC5578, DAC6578,
and DAC7578. All devices are available in a 4x4
QFN-24 package and a TSSOP-16 package.




Similar Part No. - DAC7678

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7678 TI-DAC7678 Datasheet
1Mb / 52P
12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
DAC7678 TI1-DAC7678 Datasheet
1Mb / 53P
12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
DAC7678SPW TI-DAC7678SPW Datasheet
1Mb / 52P
12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
DAC7678SPWR TI-DAC7678SPWR Datasheet
1Mb / 52P
12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
DAC7678SRGER TI-DAC7678SRGER Datasheet
1Mb / 52P
12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
More results


Similar Description - DAC7678

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565 TI-DAC7565 Datasheet
1Mb / 46P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568_101 TI-DAC7568_101 Datasheet
2Mb / 60P
12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC5578 TI-DAC5578_10 Datasheet
3Mb / 55P
8-/10-/12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converters
DAC7678 TI-DAC7678_10 Datasheet
1Mb / 52P
12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
DAC7678 TI1-DAC7678_14 Datasheet
1Mb / 53P
12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
DAC8165 TI1-DAC8165_15 Datasheet
750Kb / 47P
14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppmC Internal Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com