Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC80504RTET Datasheet (PDF) - Texas Instruments

DAC80504RTET Datasheet PDF - Texas Instruments
Part # DAC80504RTET
Download  DAC80504RTET Download
File Size   1692.73 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference

DAC80504RTET Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC80504RTET Datasheet PDF - Texas Instruments

Part # DAC80504RTET
Download  DAC80504RTET Click to download

File Size   1692.73 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACx0504 Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference

DAC80504RTET Datasheet (HTML) - Texas Instruments


DAC80504RTET Product details

1 Features
1• Performance
– INL: ±1 LSB Maximum at 16-Bit Resolution
– TUE: ±0.1% of FSR Maximum
• Integrated 2.5 V Precision Internal Reference
– Initial Accuracy: ±5 mV, Maximum
– Low Drift: 2 ppm/°C Typical
• High Drive Capability: 20 mA With 0.5 V From
Supply Rails
• Flexible Output Configuration
– User Selectable Gain: 2, 1 or ½
– Reset to Zero Scale or Midscale
• Wide Operating Range
– Power Supply: 2.7 V to 5.5 V
– Temperature: –40˚C to +125˚C
• 50-MHz, SPI-Compatible Serial Interface
– 4-Wire Mode, 1.7 V to 5.5 V Operation
– Daisy-Chain Operation
– CRC Error Check
• Low Power: 0.7 mA/Channel at 5.5 V
• Small Package: 3-mm × 3-mm, 16-Pin WQFN

2 Applications
• Optical Networking
• Wireless Infrastructure
• Industrial Automation
• Data Acquisition Systems

3 Description
The DAC80504, DAC70504, and DAC60504
(DACx0504) are a pin-compatible family of lowpower,
four-channel, buffered voltage-output, digitalto-
analog converters (DACs) with 16-, 14-, and 12-bit
resolution. The DACx0504 includes a low drift, 2.5-V
internal reference, eliminating the need for an
external precision reference in most applications. A
user-selectable gain configuration provides full-scale
output voltages of 1.25 V (gain = ½), 2.5 V (gain = 1),
or 5 V (gain = 2). These devices operate from a
single 2.7-V to 5.5-V supply, are specified monotonic,
and provide high linearity of ±1 LSB INL.
Communication to the DACx0504 is performed
through a 4-wire serial interface that operates at clock
rates of up to 50 MHz. The VIO pin enables serial
interface operation from 1.7 V to 5.5 V. The
DACx0504 flexible interface enables operation with a
wide range of industry-standard microprocessors and
microcontrollers.
The DACx0504 incorporate a power-on-reset circuit
that powers up and maintains the DAC outputs at
either zero scale or midscale until a valid code is
written to the device. These device consume a low
current of 0.7 mA/channel at 5.5 V, making these
devices an excellent choice for battery-operated
equipment. A per-channel power-down feature
reduces the device current consumption to 15 μA.
The DACx0504 is characterized for operation over
the temperature range of –40°C to +125°C, and is
available in a small, 3-mm × 3-mm QFN package.




Similar Part No. - DAC80504RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC80504RTET TI1-DAC80504RTET Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80504RTET TI1-DAC80504RTET Datasheet
1Mb / 49P
Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
More results


Similar Description - DAC80504RTET

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
logo
Texas Instruments
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80504 TI1-DAC80504_17 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC81408 TI1-DAC81408 Datasheet
501Kb / 42P
8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com