Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12K508 Datasheet (PDF) - Elma Electronic Ltd

12K508 Datasheet PDF - Elma Electronic Ltd
Part # 12K508
Download  12K508 Download
File Size   2205.22 Kbytes
Page   25 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description CHASSIS AND SUBRACKS

12K508 Datasheet (PDF)

Go To PDF Page Download Datasheet
12K508 Datasheet PDF - Elma Electronic Ltd

Part # 12K508
Download  12K508 Click to download

File Size   2205.22 Kbytes
Page   25 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description CHASSIS AND SUBRACKS

12K508 Datasheet (HTML) - Elma Electronic Ltd


12K508 Product details

MAIN FEATURES
The Systemkit 12K is a high quality subrack system that high
flexibility with wide functionality united. Completely made
of aluminum, it already offers significant advantages in a
standard version such as...




Similar Part No. - 12K508

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12K5 ETC2-12K5 Datasheet
382Kb / 4P
A TETRODE DESIGNED FOR SPACE-CHARGE OPERATION
More results


Similar Description - 12K508

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBBA-2505G-CM POWERBOX-PBBA-2505G-CM Datasheet
608Kb / 1P
CHASSIS MOUNT
logo
Advantech Co., Ltd.
MBPC-400 ADVANTECH-MBPC-400 Datasheet
122Kb / 1P
MicroBox 5.25" Biscuit SBC Chassis and Power Supply
logo
Emcore Corporation
10990A EMCORE-10990A Datasheet
73Kb / 2P
Rack Mount Chassis and Power Supply
logo
Texas Instruments
SN65HVD10DG4 TI-SN65HVD10DG4 Datasheet
559Kb / 28P
Chassis-to-Chassis Interconnects
logo
List of Unclassifed Man...
NL4MP ETC2-NL4MP Datasheet
239Kb / 5P
Chassis Connectors
logo
Axiomtek Co., Ltd.
EMC1600 AXIOMTEK-EMC1600 Datasheet
615Kb / 3P
16-Bay Media Converter and Ethernet Extender Chassis
logo
Bud Industries, Inc.
C-14431 BUD-C-14431 Datasheet
131Kb / 1P
RACKMOUNT CHASSIS
TBC-14252 BUD-TBC-14252 Datasheet
103Kb / 1P
INTERNAL CHASSIS
TBC-14262 BUD-TBC-14262 Datasheet
103Kb / 1P
INTERNAL CHASSIS
logo
Advantech Co., Ltd.
ACP-2020G ADVANTECH-ACP-2020G Datasheet
1Mb / 2P
2U Rackmount Chassis for ATX and uATX Motherboard
10-Nov-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com