Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8412 Datasheet (PDF) - Texas Instruments

DRV8412 Datasheet PDF - Texas Instruments
Part # DRV8412
Download  DRV8412 Download
File Size   2270.79 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV84x2 Dual Full-Bridge PWM Motor Driver

DRV8412 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8412 Datasheet PDF - Texas Instruments

Part # DRV8412
Download  DRV8412 Click to download

File Size   2270.79 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV84x2 Dual Full-Bridge PWM Motor Driver

DRV8412 Datasheet (HTML) - Texas Instruments


DRV8412 Product details

1 Features
• High-efficiency power stage (up to 97%) with low
RDS(on) MOSFETs (110mΩ at TJ = 25°C)
• Operating supply voltage up to 52V
• DRV8412 (Power pad down): up to 2 × 3A
continuous output current (2 × 6A peak) in dual
full-bridge mode or 6A continuous current in
parallel mode (12A peak)
• DRV8432 (Power pad up): up to 2 × 7A continuous
output current (2 × 12A peak) in dual full-bridge
mode or 14A continuous current in parallel mode
(24A peak)
• PWM operating frequency up to 500kHz
• Integrated self-protection circuits including
undervoltage, overtemperature, overload, and
short circuit
• Programmable cycle-by-cycle current limit
protection
• Independent supply and ground pins for each half
bridge
• Intelligent gate drive and cross conduction
prevention
• No external snubber or schottky diode is required

2 Applications
• Brushed DC and stepper motors
• Three-phase permanent magnet synchronous
motors
• Robotic and Haptic control system
• Actuators and pumps
• Precision instruments
• TEC drivers
• LED lighting drivers

3 Description
The DRV841x2 are high-performance, integrated dual
full-bridge motor driver with an advanced protection
system.
Because of the low RDS(on) of the H-Bridge MOSFETs
and intelligent gate drive design, the efficiency of
these motor drivers can be up to 97%. This high
efficiency enables the use of smaller power supplies
and heatsinks, and the devices are good candidates
for energy-efficient applications.
The DRV841x2 requires two power supplies, one at
12V for GVDD and VDD, and another up to 50 V for
PVDD. The DRV841x2 can operate at up to 500kHz
switching frequency while still maintaining precise
control and high efficiency. The devices also have an
innovative protection system safeguarding the device
against a wide range of fault conditions that could
damage the system. These safeguards are shortcircuit
protection, overcurrent protection, undervoltage
protection, and two-stage thermal protection. The
DRV841x2 has a current-limiting circuit that prevents
device shutdown during load transients such as motor
start-up. A programmable overcurrent detector allows
adjustable current limit and protection level to meet
different motor requirements.
The DRV841x2 has unique independent supply and
ground pins for each half-bridge. These pins make
it possible to provide current measurement through
external shunt resistor and support multiple motors
with different power supply voltage requirements.




Similar Part No. - DRV8412

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8412 TI-DRV8412 Datasheet
1Mb / 28P
Dual Full Bridge PWM Motor Driver
DRV8412 TI-DRV8412 Datasheet
1Mb / 32P
Dual Full Bridge PWM Motor Driver
DRV8412 TI1-DRV8412 Datasheet
1Mb / 31P
Dual Full Bridge PWM Motor Driver
DRV8412DDW TI-DRV8412DDW Datasheet
1Mb / 28P
Dual Full Bridge PWM Motor Driver
DRV8412DDW TI-DRV8412DDW Datasheet
1Mb / 32P
Dual Full Bridge PWM Motor Driver
More results


Similar Description - DRV8412

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
Dual Full-Bridge PWM Motor Driver
logo
Texas Instruments
DRV8412 TI-DRV8412_15 Datasheet
1Mb / 42P
DRV84x2 Dual Full-Bridge PWM Motor Driver
DRV8432 TI-DRV8432_15 Datasheet
1Mb / 42P
DRV84x2 Dual Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com