Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8701ERGET.B Datasheet (PDF) - Texas Instruments

DRV8701ERGET.B Datasheet PDF - Texas Instruments
Part # DRV8701ERGET.B
Download  DRV8701ERGET.B Download
File Size   2228.87 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8701 Brushed DC Motor Full-Bridge Gate Driver

DRV8701ERGET.B Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8701ERGET.B Datasheet PDF - Texas Instruments

Part # DRV8701ERGET.B
Download  DRV8701ERGET.B Click to download

File Size   2228.87 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8701 Brushed DC Motor Full-Bridge Gate Driver

DRV8701ERGET.B Datasheet (HTML) - Texas Instruments


DRV8701ERGET.B Product details

1 Features
1• Single H-Bridge Gate Driver
– Drives Four External N-Channel MOSFETs
– Supports 100% PWM Duty Cycle
• 5.9-V to 45-V Operating Supply Voltage Range
• Two Control Interface Options
– PH/EN (DRV8701E)
– PWM (DRV8701P)
• Adjustable Gate Drive (5 Levels)
– 6-mA to 150-mA Source Current
– 12.5-mA to 300-mA Sink Current
• Supports 1.8-V, 3.3-V, and 5-V Logic Inputs
• Current Shunt Amplifier (20 V/V)
• Integrated PWM Current Regulation
– Limits Motor Inrush Current
• Low-Power Sleep Mode (9 μA)
• Two LDO Voltage Regulators to Power External
Components
– AVDD: 4.8 V, up to 30-mA Output Load
– DVDD: 3.3 V, up to 30-mA Output Load
• Small Package and Footprint
– 24-Pin VQFN (PowerPAD™)
– 4.0 × 4.0 × 0.9 mm
• Protection Features:
– VM Undervoltage Lockout (UVLO)
– Charge Pump Undervoltage (CPUV)
– Overcurrent Protection (OCP)
– Pre-Driver Fault (PDF)
– Thermal Shutdown (TSD)
– Fault Condition Output (nFAULT)

2 Applications
• Industrial Brushed-DC Motors
• Robotics
• Home Automation
• Industrial Pumps and Valves
• Power Tools
• Handheld Vacuum Cleaners

3 Description
The DRV8701 is a single H-bridge gate driver that uses four external N-channel MOSFETs targeted to
drive a 12-V to 24-V bidirectional brushed DC motor.
A PH/EN (DRV8701E) or PWM (DRV8701P)
interface allows simple interfacing to controller
circuits. An internal sense amplifier allows for
adjustable current control. The gate driver includes circuitry to regulate the winding current using fixed
off-time PWM current chopping.
DRV8701 drives both high- and low-side FETs with
9.5-V VGS gate drive. The gate drive current for all
external FETs is configurable with a single external
resistor on the IDRIVE pin.
A low-power sleep mode is provided which shuts
down internal circuitry to achieve very-low quiescent
current draw. This sleep mode can be set by taking
the nSLEEP pin low.
Internal protection functions are provided:
undervoltage lockout, charge pump faults,
overcurrent shutdown, short-circuit protection,
predriver faults, and overtemperature. Fault
conditions are indicated on the nFAULT pin.




Similar Part No. - DRV8701ERGET.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8701ERGET TI-DRV8701ERGET Datasheet
1Mb / 42P
DRV8701 Brushed DC Motor Full-Bridge Gate Driver
More results


Similar Description - DRV8701ERGET.B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB6559FG TOSHIBA-TB6559FG Datasheet
229Kb / 19P
Full-Bridge DC Motor Driver IC
logo
Allegro MicroSystems
SPF7302 ALLEGRO-SPF7302 Datasheet
359Kb / 16P
Full Bridge DC Motor Driver
logo
Toshiba Semiconductor
TB6568KQ TOSHIBA-TB6568KQ Datasheet
236Kb / 15P
Full-Bridge DC Motor Driver IC
TB6569FG TOSHIBA-TB6569FG Datasheet
287Kb / 18P
Full-Bridge DC Motor Driver IC
logo
Texas Instruments
DRV8701 TI-DRV8701_15 Datasheet
1Mb / 42P
DRV8701 Brushed DC Motor Full-Bridge Gate Driver
DRV8870 TI1-DRV8870_16 Datasheet
1Mb / 25P
Brushed DC Motor Driver
logo
Toshiba Semiconductor
TB67H301FTG TOSHIBA-TB67H301FTG Datasheet
1Mb / 22P
Full-Bridge DC Motor Driver IC
TB6559FG TOSHIBA-TB6559FG_13 Datasheet
336Kb / 19P
Full-Bridge DC Motor Driver IC
TB6568KQ TOSHIBA-TB6568KQ_14 Datasheet
382Kb / 15P
Full-Bridge DC Motor Driver IC
logo
Sanken electric
SPF7302 SANKEN-SPF7302 Datasheet
262Kb / 16P
Full Bridge DC Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com