Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8814PWPR.B Datasheet (PDF) - Texas Instruments

DRV8814PWPR.B Datasheet PDF - Texas Instruments
Part # DRV8814PWPR.B
Download  DRV8814PWPR.B Download
File Size   1149.62 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8814 DC Motor Driver IC

DRV8814PWPR.B Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8814PWPR.B Datasheet PDF - Texas Instruments

Part # DRV8814PWPR.B
Download  DRV8814PWPR.B Click to download

File Size   1149.62 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8814 DC Motor Driver IC

DRV8814PWPR.B Datasheet (HTML) - Texas Instruments


DRV8814PWPR.B Product details

1 Features
1• 8 V to 45 V Operating Supply Voltage Range
• 2.5 A Maximum Drive Current at 24 V and T A =
25°C
• Dual H-Bridge Current-Control Motor Driver
– Drives Two DC Motors
– Four Level Winding Current Control
• Multiple Decay Modes
– Slow Decay
– Fast Decay
• Industry Standard Parallel Digital Control Interface
• Low Current Sleep Mode
• Built-In 3.3-V Reference Output
• Small Package and Footprint
• Protection Features
– Overcurrent Protection (OCP)
– Thermal Shutdown (TSD)
– VM Undervoltage Lockout (UVLO)
– Fault Condition Indication Pin (nFAULT)

2 Applications
• Printers
• Scanners
• Office Automation Machines
• Gaming Machines
• Factory Automation
• Robotics

3 Description
The DRV8814 provides an integrated motor driver
solution for printers, scanners, and other automated
equipment applications. The device has two H-bridge
drivers, and is intended to drive DC motors. The
output driver block for each consists of N-channel
power MOSFET’s configured as H-bridges to drive
the motor windings. The DRV8814 can supply up to 2.5-A peak or 1.75-A RMS output current (with proper
heatsinking at 24 V and 25°C) per H-bridge.
A simple parallel digital control interface is compatible
with industry-standard devices. Decay mode is
programmable to allow braking or coasting of the
motor when disabled.
Internal shutdown functions are provided for over
current protection, short circuit protection, under voltage lockout, and over temperature.
The DRV8814 is available in a 28-pin HTSSOP
package with PowerPAD™ (Eco-friendly: RoHS & no
Sb/Br).




Similar Part No. - DRV8814PWPR.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8814PWPR.B TI2-DRV8814PWPR.B Datasheet
1Mb / 27P
DRV8814 DC Motor Driver IC
REVISED NOVEMBER 2015
More results


Similar Description - DRV8814PWPR.B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
DC MOTOR DRIVER IC
27-Aug-1997
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
DC MOTOR DRIVER IC
logo
Texas Instruments
DRV8840 TI-DRV8840 Datasheet
551Kb / 18P
DC MOTOR DRIVER IC
DRV8802 TI1-DRV8802 Datasheet
558Kb / 18P
DC MOTOR DRIVER IC
JUNE2011
DRV8814 TI1-DRV8814_14 Datasheet
873Kb / 19P
DC MOTOR DRIVER IC
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
DC MOTOR DRIVER IC
DRV8802 TI1-DRV8802_15 Datasheet
1Mb / 28P
DC Motor Driver IC
DRV8814 TI1-DRV8814_16 Datasheet
1Mb / 26P
DC Motor Driver IC
DRV8840 TI1-DRV8840_15 Datasheet
1Mb / 28P
DC Motor Driver IC
DRV8842-EP TI1-DRV8842-EP Datasheet
1Mb / 26P
DC Motor Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com