Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8833 Datasheet (PDF) - Texas Instruments

DRV8833 Datasheet PDF - Texas Instruments
Part # DRV8833
Download  DRV8833 Download
File Size   952.3 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8833 Dual H-Bridge Motor Driver

DRV8833 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8833 Datasheet PDF - Texas Instruments

Part # DRV8833
Download  DRV8833 Click to download

File Size   952.3 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8833 Dual H-Bridge Motor Driver

DRV8833 Datasheet (HTML) - Texas Instruments


DRV8833 Product details

1 Features
1• Dual-H-Bridge Current-Control Motor Driver
– Can Drive Two DC Motors or One Stepper
Motor
– Low MOSFET ON-Resistance: HS + LS 360
mΩ
• Output Current (at VM = 5 V, 25°C)
– 1.5-A RMS, 2-A Peak per H-Bridge in PWP Hand
RTY Package Options
– 500-mA RMS, 2-A Peak per H-Bridge in PW
Package Option
• Outputs can be in Parallel for
– 3-A RMS, 4-A Peak (PWP and RTY)
– 1-A RMS, 4-A Peak (PW)
• Wide Power Supply Voltage Range:
2.7 to 10.8 V
• PWM Winding Current Regulation and Current
Limiting
• Thermally Enhanced Surface-Mount Packages

2 Applications
• Battery-Powered Toys
• POS Printers
• Video Security Cameras
• Office Automation Machines
• Gaming Machines
• Robotics

3 Description
The DRV8833 device provides a dual bridge motor
driver solution for toys, printers, and other mechatronic applications.
The device has two H-bridge drivers, and can drive
two DC brush motors, a bipolar stepper motor, solenoids, or other inductive loads.
The output driver block of each H-bridge consists of N-channel power MOSFETs configured as an Hand
bridge to drive the motor windings. Each H-bridge
includes circuitry to regulate or limit the winding
current.
Internal shutdown functions with a fault output pin are
provided for overcurrent protection, short-circuit
protection, undervoltage lockout, and overtemperature. A low-power sleep mode is also
provided.
The DRV8833 is packaged in a 16-pin WQFN package with PowerPAD™ (Eco-friendly: RoHS & no
Sb/Br).




Similar Part No. - DRV8833

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8833 TI1-DRV8833 Datasheet
961Kb / 22P
DUAL H-BRIDGE MOTOR DRIVER
AUGUST2011
DRV8833 TI1-DRV8833 Datasheet
1Mb / 30P
Dual H-Bridge Motor Driver
DRV8833 TI-DRV8833 Datasheet
1Mb / 45P
DRV8410 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8833 TI-DRV8833 Datasheet
1Mb / 45P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
SEPTEMBER 2022
DRV8833 TI-DRV8833 Datasheet
2Mb / 54P
DRV8411 Dual H-Bridge Motor Driver with Current Regulation
REVISED OCTOBER 2022
More results


Similar Description - DRV8833

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8833 TI-DRV8833_15 Datasheet
1Mb / 28P
DRV8833 Dual H-Bridge Motor Driver
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
DRV8833 TI1-DRV8833_16 Datasheet
1Mb / 30P
Dual H-Bridge Motor Driver
DRV8833C TI1-DRV8833C Datasheet
1Mb / 29P
Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
Dual H-bridge Motor Driver
July, 2014
logo
Texas Instruments
DRV8847 TI1-DRV8847 Datasheet
626Kb / 51P
Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_18 Datasheet
759Kb / 55P
Dual H-Bridge Motor Driver
DRV8847_1812 TI1-DRV8847_1812 Datasheet
2Mb / 70P
Dual H-Bridge Motor Driver
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
Dual H-Bridge Motor Driver
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
Dual H-Bridge Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com