Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8834 Datasheet (PDF) - Texas Instruments

DRV8834 Datasheet PDF - Texas Instruments
Part # DRV8834
Download  DRV8834 Download
File Size   3184.05 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8834 Dual-Bridge Stepper or DC Motor Driver

DRV8834 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8834 Datasheet PDF - Texas Instruments

Part # DRV8834
Download  DRV8834 Click to download

File Size   3184.05 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8834 Dual-Bridge Stepper or DC Motor Driver

DRV8834 Datasheet (HTML) - Texas Instruments


DRV8834 Product details

1 Features
1• Dual-H-Bridge Current-Control Motor Driver
– Capable of Driving Two DC Motors or One HStepper
Motor
• Two Control Modes:
– Built-In Indexer Logic With Simple
STEP/DIRECTION Control and Up to
1/32-Step Microstepping
– PHASE/ENABLE Control, With the Ability to
Drive External References for > 1/32-Step
Microstepping
• Output Current 1.5-A Continuous, 2.2-A Peak per
H-Bridge (at VM = 5 V, 25°C)
• Low R DS(ON): 305-mΩ HS + LS
(at VM = 5 V, 25°C)
• Wide Power Supply Voltage Range:
2.5 V to 10.8 V
• Dynamic tBLANK and Mixed Decay Modes for
Smooth Microstepping
• PWM Winding Current Regulation and Limiting
• Thermally Enhanced Surface-Mount Package

2 Applications
• Battery-Powered Toys
• POS Printers
• Video Security Cameras
• Office Automation Machines
• Gaming Machines
• Robotics

3 Description
The DRV8834 provides a flexible motor driver
solution for toys, printers, cameras, and other mechatronic applications. The device has two HStepper
bridge drivers, and is intended to drive a bipolar
stepper motor or two DC motors.
The output driver block of each H-bridge consists of
N-channel power MOSFETs configured as an H-
bridge to drive the motor windings. Each H-bridge
includes circuitry to regulate or limit the winding
current.
With proper PCB design, each H-bridge of the
DRV8834 can driving up to 1.5-A RMS (or DC)
continuously, at 25°C with a VM supply of 5 V. The
device can support peak currents of up to 2.2 A per
bridge. Current capability is reduced slightly at lower
VM voltages.
Internal shutdown functions with a fault output pin are provided for overcurrent protection, short-circuit
protection, undervoltage lockout and
overtemperature. A low-power sleep mode is also
provided.
The DRV8834 is packaged in a 24-pin HTSSOP or
VQFN package with PowerPAD™ (Eco-friendly:
RoHS & no Sb/Br).




Similar Part No. - DRV8834

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8834 TI-DRV8834 Datasheet
1Mb / 30P
DUAL BRIDGE STEPPER OR DC MOTOR DRIVER
DRV8834PWP TI-DRV8834PWP Datasheet
1Mb / 30P
DUAL BRIDGE STEPPER OR DC MOTOR DRIVER
DRV8834PWPR TI-DRV8834PWPR Datasheet
1Mb / 30P
DUAL BRIDGE STEPPER OR DC MOTOR DRIVER
DRV8834RGER TI-DRV8834RGER Datasheet
1Mb / 30P
DUAL BRIDGE STEPPER OR DC MOTOR DRIVER
DRV8834RGET TI-DRV8834RGET Datasheet
1Mb / 30P
DUAL BRIDGE STEPPER OR DC MOTOR DRIVER
More results


Similar Description - DRV8834

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L8229 STMICROELECTRONICS-L8229 Datasheet
862Kb / 42P
Dual DMOS full bridge stepper/DC motor driver
12-Sep-2006
logo
Shindengen Electric Mfg...
MTD2003G SHINDENGEN-MTD2003G Datasheet
103Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2006G SHINDENGEN-MTD2006G Datasheet
107Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
logo
Texas Instruments
DRV8834 TI-DRV8834 Datasheet
1Mb / 30P
DUAL BRIDGE STEPPER OR DC MOTOR DRIVER
logo
Shindengen Electric Mfg...
MTD2003BE SHINDENGEN-MTD2003BE Datasheet
57Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2006GE SHINDENGEN-MTD2006GE Datasheet
107Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2017FE SHINDENGEN-MTD2017FE Datasheet
91Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2017GE SHINDENGEN-MTD2017GE Datasheet
120Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2018GE SHINDENGEN-MTD2018GE Datasheet
120Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
logo
Texas Instruments
DRV8834 TI-DRV8834_15 Datasheet
1Mb / 43P
DRV8834 Dual-Bridge Stepper or DC Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com