Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8801PWP Datasheet (PDF) - Texas Instruments

DRV8801PWP Datasheet PDF - Texas Instruments
Part # DRV8801PWP
Download  DRV8801PWP Download
File Size   1895.99 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV880x DMOS Full-Bridge Motor Drivers

DRV8801PWP Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8801PWP Datasheet PDF - Texas Instruments

Part # DRV8801PWP
Download  DRV8801PWP Click to download

File Size   1895.99 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV880x DMOS Full-Bridge Motor Drivers

DRV8801PWP Datasheet (HTML) - Texas Instruments


DRV8801PWP Product details

1 Features
• H-Bridge Motor Driver
• Low RDS(on) MOSFETs (0.4-Ω Typical)
• Low-Power Sleep Mode
• 100% PWM Duty Cycle Supported
• 8-V to 36-V Operating Supply Voltage Range
• Thermally Enhanced Surface-Mount Package
• Protection Features:
– VBB Undervoltage Lockout (UVLO)
– Charge Pump Undervoltage (CPUV)
– Overcurrent Protection (OCP)
– Short-to-Supply Protection
– Short-to-Ground Protection
– Overtemperature Warning (OTW)
– Overtemperature Shutdown (OTS)
– Fault Condition Indication Pin (nFAULT)

2 Applications
• Printers
• Industrial Automation
• Robotics

3 Description
The DRV880x provides a versatile motor driver
solution with a variety of capabilities. The device
contains a full H-bridge which can be used to drive
a brushed DC motor, one winding of a stepper motor,
or other devices such as solenoids. A simple PHASEENABLE
interface allows easy interfacing to controller
circuits.
The output stages use N-channel power MOSFETs
configured as an H-bridge. The DRV880x is capable
of peak output currents up to ±2.8 A and operating
voltages up to 36 V. An internal charge pump
generates the needed gate drive voltages.
A low-power sleep mode is provided which shuts
down internal circuitry to achieve a very low quiescent
current draw. This sleep mode can be set using a
dedicated nSLEEP pin.
Internal protection functions are provided for
undervoltage, charge pump fault, overcurrent, shortto-
supply, short-to-ground, and overtemperature. Fault
conditions are indicated through the nFAULT pin.
The DRV880x is packaged in a 16-pin WQFN
package with PowerPAD™ (Eco-friendly: RoHS & no
Sb/Br).




Similar Part No. - DRV8801PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8801PWP TI-DRV8801PWP Datasheet
1Mb / 26P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801PWPR TI-DRV8801PWPR Datasheet
1Mb / 26P
DMOS FULL-BRIDGE MOTOR DRIVERS
More results


Similar Description - DRV8801PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8800 TI-DRV8800 Datasheet
636Kb / 20P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI-DRV8800_10 Datasheet
1Mb / 26P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1 Datasheet
904Kb / 23P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8800 TI1-DRV8800_12 Datasheet
1Mb / 27P
DMOS FULL-BRIDGE MOTOR DRIVERS
logo
Allegro MicroSystems
A4953ELJTR-T ALLEGRO-A4953ELJTR-T Datasheet
299Kb / 11P
Full-Bridge DMOS PWM Motor Drivers
logo
Texas Instruments
DRV8800 TI-DRV8800_15 Datasheet
1Mb / 33P
DRV880x DMOS Full-Bridge Motor Drivers
DRV8801-Q1 TI-DRV8801-Q1_15 Datasheet
460Kb / 19P
DMOS FULL-BRIDGE MOTOR DRIVERS
DRV8801-Q1 TI1-DRV8801-Q1_16 Datasheet
1Mb / 28P
DMOS Full-Bridge Motor Drivers
DRV8801A-Q1 TI1-DRV8801A-Q1 Datasheet
897Kb / 24P
DMOS Full-Bridge Motor Drivers
logo
Allegro MicroSystems
A4952 ALLEGRO-A4952_16 Datasheet
1,010Kb / 11P
Full-Bridge DMOS PWM Motor Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com