Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8871 Datasheet (PDF) - Texas Instruments

DRV8871 Datasheet PDF - Texas Instruments
Part # DRV8871
Download  DRV8871 Download
File Size   1544.63 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8871 3.6-A Brushed DC Motor Driver With Internal Current Sense (PWM Control)

DRV8871 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8871 Datasheet PDF - Texas Instruments

Part # DRV8871
Download  DRV8871 Click to download

File Size   1544.63 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8871 3.6-A Brushed DC Motor Driver With Internal Current Sense (PWM Control)

DRV8871 Datasheet (HTML) - Texas Instruments


DRV8871 Product details

1 Features
1• H-Bridge Motor Driver
– Drives One DC Motor, One Winding of a
Stepper Motor, or Other Loads
• Wide 6.5-V to 45-V Operating Voltage
• 565-mΩ Typical RDS(on) (HS + LS)
• 3.6-A Peak Current Drive
• PWM Control Interface
• Current Regulation Without a Sense Resistor
• Low-Power Sleep Mode
• Small Package and Footprint
– 8-Pin HSOP With PowerPAD™
– 4.9 × 6 mm
• Integrated Protection Features
– VM Undervoltage Lockout (UVLO)
– Overcurrent Protection (OCP)
– Thermal Shutdown (TSD)
– Automatic Fault Recovery

2 Applications
• Printers
• Appliances
• Industrial Equipment
• Other Mechatronic Applications

3 Description
The DRV8871 device is a brushed-DC motor driver
for printers, appliances, industrial equipment, and
other small machines. Two logic inputs control the Hbridge
driver, which consists of four N-channel
MOSFETs that can control motors bidirectionally with
up to 3.6-A peak current. The inputs can be pulsewidth
modulated (PWM) to control motor speed, using
a choice of current-decay modes. Setting both inputs
low enters a low-power sleep mode.
The DRV8871 device has advanced currentregulation
circuitry that does not use an analog
voltage reference or external sense resistor. This
novel solution uses a standard low-cost, low-power
resistor to set the current threshold. The ability to limit
current to a known level can significantly reduce the
system power requirements and bulk capacitance
needed to maintain stable voltage, especially for
motor startup and stall conditions.
The device is fully protected from faults and short
circuits, including undervoltage (UVLO), overcurrent
(OCP), and overtemperature (TSD). When the fault
condition is removed, the device automatically
resumes normal operation.




Similar Part No. - DRV8871

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8871 TI1-DRV8871 Datasheet
1Mb / 25P
Brushed DC Motor Driver With Internal Current Sense (PWM Control)
DRV8871 TI1-DRV8871 Datasheet
728Kb / 23P
3.6-A Brushed DC Motor Driver With Internal Current Sense (PWM Control)
DRV8871-Q1 TI1-DRV8871-Q1 Datasheet
728Kb / 23P
3.6-A Brushed DC Motor Driver With Internal Current Sense (PWM Control)
DRV8871DDA TI1-DRV8871DDA Datasheet
1Mb / 25P
Brushed DC Motor Driver With Internal Current Sense (PWM Control)
DRV8871DDAQ1 TI1-DRV8871DDAQ1 Datasheet
728Kb / 23P
3.6-A Brushed DC Motor Driver With Internal Current Sense (PWM Control)
More results


Similar Description - DRV8871

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STA6940M ALLEGRO-STA6940M Datasheet
490Kb / 19P
Brushed DC Motor Driver IC With PWM Control
logo
Texas Instruments
DRV8872 TI-DRV8872_15 Datasheet
1Mb / 25P
DRV8872 3.6-A Brushed DC Motor Driver With Fault Reporting (PWM Control)
DRV8870 TI-DRV8870_15 Datasheet
1Mb / 25P
DRV8870 3.6-A Brushed DC Motor Driver (PWM Control)
DRV8871 TI-DRV8871_15 Datasheet
1Mb / 25P
DRV8871 3.6-A Brushed DC Motor Driver With Internal Current Sense (PWM Control)
DRV8871 TI1-DRV8871_16 Datasheet
1Mb / 25P
Brushed DC Motor Driver With Internal Current Sense (PWM Control)
DRV8872 TI1-DRV8872_16 Datasheet
1Mb / 25P
Brushed DC Motor Driver With Fault Reporting (PWM Control)
DRV8872-Q1 TI1-DRV8872-Q1 Datasheet
1Mb / 25P
Automotive 3.6-A Brushed DC Motor Driver With Fault Reporting
DRV8871-Q1 TI1-DRV8871-Q1 Datasheet
728Kb / 23P
3.6-A Brushed DC Motor Driver With Internal Current Sense (PWM Control)
logo
Princeton Technology Co...
PT2470 PTC-PT2470 Datasheet
308Kb / 4P
3.6-A Brushed DC Motor Driver (PWM Control)
logo
Texas Instruments
DRV8231A TI-DRV8231A Datasheet
3Mb / 41P
DRV8231A 3.7-A Brushed DC Motor Driver with Integrated Current Sense and Regulation
NOVEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com