Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3668 Datasheet (PDF) - Texas Instruments

DS3668 Datasheet PDF - Texas Instruments
Part # DS3668_V01
Download  DS3668 Download
File Size   223.89 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Quad Fault Protected Peripheral Driver

DS3668 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS3668 Datasheet PDF - Texas Instruments

Part # DS3668_V01
Download  DS3668 Click to download

File Size   223.89 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Quad Fault Protected Peripheral Driver

DS3668 Datasheet (HTML) - Texas Instruments


DS3668 Product details

General Description
The DS3668 quad peripheral driver is designed for those
applications where low operating power, high breakdown
voltage, high output current and low output ON voltage are
required. Unlike most peripheral drivers available, a unique
fault protected circuit is incorporated on each output. When
the load current exceeds 1.0A (approximately) on any output
for more than a built-in delay time, nominally 12 μs, that
output will be shut off by its protection circuitry with no effect
on other outputs. This condition will prevail until that protection
circuitry is reset by toggling the corresponding input or
the enable pin low for at least 1.0 μs. This built-in delay is
provided to ensure that the protection circuitry is not triggered
by turn-on surge currents associated with certain
kinds of loads.
The DS3668’s inputs combine TTL compatibility with high
input impedance. In fact, its extreme low input current allows
it to be driven directly by a MOS device. The outputs are
capable of sinking 600 mA each and offer a 70V breakdown.
However, for inductive loads the output should be clamped
to 35V or less to avoid latch up during turn off (inductive
fly-back protection — refer AN-213). An on-chip clamp diode
capable of handling 800 mA is provided at each output for
this purpose. In addition, the DS3668 incorporates circuitry
that guarantees glitch-free power up or down operation and
a fail-safe feature which puts the output in a high impedance
state when the input is open.
The molded package is specifically constructed to allow
increased power dissipation over conventional packages.
The four ground pins are directly connected to the device
chip with a special copper lead frame. When the quad driver
is soldered into a PC board, the power rating of the device
improves significantly.

Applications
Relay drivers
Solenoid drivers
Hammer drivers
Stepping motor drivers
Triac drivers
LED drivers
High current, high voltage drivers
Level translators
Fiber optic LED drivers

Features
Output fault protection
High impedance TTL compatible inputs
High output current—600 mA per output
No output latch-up at 35V
Low output ON voltage (550 mV typ @ 600 mA)
High breakdown voltage (70V)
Open collector outputs
Output clamp diodes for inductive fly-back protection
NPN inputs for minimal input currents (1 μA typical)
Low operating power
Standard 5V power supply
Power up/down protection
Fail-safe operation
2W power package
Pin-for-pin compatible with SN75437




Similar Part No. - DS3668_V01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3668N NSC-DS3668N Datasheet
96Kb / 4P
Quad Fault Protected Peripheral Driver
logo
Texas Instruments
DS3668N/NOPB TI1-DS3668N/NOPB Datasheet
157Kb / 7P
DS3668 Quad Fault Protected Peripheral Driver
DS3668N/NOPB TI2-DS3668N/NOPB Datasheet
156Kb / 7P
Quad Fault Protected Peripheral Driver
January 2001
DS3668N/NOPB.B TI2-DS3668N/NOPB.B Datasheet
156Kb / 7P
Quad Fault Protected Peripheral Driver
January 2001
DS3668N/NOPBG4.B TI2-DS3668N/NOPBG4.B Datasheet
156Kb / 7P
Quad Fault Protected Peripheral Driver
January 2001
More results


Similar Description - DS3668_V01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
Quad Fault Protected Peripheral Driver
logo
Allegro MicroSystems
2557 ALLEGRO-2557 Datasheet
176Kb / 12P
PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
5706 ALLEGRO-5706 Datasheet
90Kb / 4P
QUAD 2-INPUT PERIPHERAL/POWER DRIVER .TRANSIENT-PROTECTED OUTPUTS
logo
National Semiconductor ...
DS3656 NSC-DS3656 Datasheet
86Kb / 4P
DS3656 Quad Peripheral Driver
logo
Allegro MicroSystems
A2557ELB ALLEGRO-A2557ELB Datasheet
154Kb / 12P
PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION & SLEEP MODE
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
Protected Quad Driver
October 28, 2005
2557 ALLEGRO-2557_06 Datasheet
1Mb / 12P
PROTECTED QUAD LOW-SIDE DRIVER WITH FAULT DETECTION and SLEEP MODE
A2557 ALLEGRO-A2557_09 Datasheet
306Kb / 12P
Protected Quad Driver with Fault Detection and Sleep Mode
logo
Texas Instruments
DS3668NHAPB TI1-DS3668NHAPB Datasheet
157Kb / 7P
DS3668 Quad Fault Protected Peripheral Driver
logo
Allegro MicroSystems
A3187LUA-T ALLEGRO-A3187LUA-T Datasheet
684Kb / 8P
Protected Quad Driver with Fault Detection and Sleep Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com