Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C387A Datasheet (PDF) - Texas Instruments

DS90C387A Datasheet PDF - Texas Instruments
Part # DS90C387A
Download  DS90C387A Download
File Size   914.73 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C387A/DS90CF388A Dual Pixel LVDS Display Interface / FPD-Link

DS90C387A Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90C387A Datasheet PDF - Texas Instruments

Part # DS90C387A
Download  DS90C387A Click to download

File Size   914.73 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C387A/DS90CF388A Dual Pixel LVDS Display Interface / FPD-Link

DS90C387A Datasheet (HTML) - Texas Instruments


DS90C387A Product details

General Description
The DS90C387A/DS90CF388A transmitter/receiver pair is
designed to support dual pixel data transmission between
Host and Flat Panel Display up to QXGA resolutions. The
transmitter converts 48 bits (Dual Pixel 24-bit color) of
CMOS/TTL data and 3 control bits into 8 LVDS (Low Voltage
Differential Signalling) data streams. At a maximum dual
pixel rate of 112MHz, LVDS data line speed is 784Mbps,
providing a total throughput of 5.7Gbps (714 Megabytes per
second).
The LDI chipset is improved over prior generations of FPDLink
devices and offers higher bandwidth support and longer
cable drive. To increase bandwidth, the maximum pixel clock
rate is increased to 112 MHz and 8 serialized LVDS outputs
are provided. Cable drive is enhanced with a user selectable
pre-emphasis feature that provides additional output current
during transitions to counteract cable loading effects.
The DS90C387A transmitter provides a second LVDS output
clock. Both LVDS clocks are identical. This feature supports
backward compatibility with the previous generation of FPDLink
Receivers - the second clock allows the transmitter to
interface to panels using a ’dual pixel’ configuration of two
24-bit or 18-bit FPD-Link receivers.
This chipset is an ideal means to solve EMI and cable size
problems for high-resolution flat panel applications. It provides
a reliable interface based on LVDS technology that
delivers the bandwidth needed for high-resolution panels
while maximizing bit times, and keeping clock rates low to
reduce EMI and shielding requirements. For more details,
please refer to the “Applications Information” section of this
datasheet.

Features
Supports SVGA through QXGA panel resolutions
32.5 to 112/170MHz clock support
Drives long, low cost cables
Up to 5.7 Gbps bandwidth
Pre-emphasis reduces cable loading effects
Dual pixel architecture supports interface to GUI and
timing controller; optional single pixel transmitter inputs
support single pixel GUI interface
Transmitter rejects cycle-to-cycle jitter
5V tolerant on data and control input pins
Programmable transmitter data and control strobe select
(rising or falling edge strobe)
Backward compatible with FPD-Link
Compatible with ANSI/TIA/EIA-644-1995 LVDS Standard




Similar Part No. - DS90C387A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C387A NSC-DS90C387A Datasheet
416Kb / 19P
Dual Pixel LVDS Display Interface / FPD-Link
DS90C387A NSC-DS90C387A Datasheet
805Kb / 19P
Dual Pixel LVDS Display Interface/FPD-Link
logo
Texas Instruments
DS90C387A TI1-DS90C387A Datasheet
842Kb / 21P
Dual Pixel LVDS Display Interface / FPD-Link
DS90C387A TI2-DS90C387A Datasheet
841Kb / 21P
DS90C387A/DS90CF388A Dual Pixel LVDS Display Interface / FPD-Link
February 2006
logo
National Semiconductor ...
DS90C387AVJD NSC-DS90C387AVJD Datasheet
416Kb / 19P
Dual Pixel LVDS Display Interface / FPD-Link
More results


Similar Description - DS90C387A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C387 NSC-DS90C387 Datasheet
526Kb / 26P
Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
DS90C387A NSC-DS90C387A Datasheet
416Kb / 19P
Dual Pixel LVDS Display Interface / FPD-Link
logo
List of Unclassifed Man...
CS5826 ETC1-CS5826 Datasheet
80Kb / 1P
Dual Pixel LVDS Display Interface (LDI) Transmitter
logo
National Semiconductor ...
DS90C387 NSC-DS90C387_06 Datasheet
910Kb / 26P
Dual Pixel LVDS Display Interface (LDI)=SVGA/QXGA
DS90C387A NSC-DS90C387A_06 Datasheet
805Kb / 19P
Dual Pixel LVDS Display Interface/FPD-Link
logo
Texas Instruments
DS90C187 TI-DS90C187 Datasheet
1Mb / 21P
Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90C187 TI1-DS90C187_14 Datasheet
945Kb / 28P
Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90C387 TI1-DS90C387_15 Datasheet
1Mb / 33P
Dual Pixel LVDS Display Interface (LDI)-SVGA/QXGA
DS90C387A TI1-DS90C387A_11 Datasheet
842Kb / 21P
Dual Pixel LVDS Display Interface / FPD-Link
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
Mobile Pixel Link RGB Display Interface Serializer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com