Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS215 Datasheet (PDF) - Texas Instruments

HD3SS215 Datasheet PDF - Texas Instruments
Part # HD3SS215
Download  HD3SS215 Download
File Size   2061.16 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch

HD3SS215 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD3SS215 Datasheet PDF - Texas Instruments

Part # HD3SS215
Download  HD3SS215 Click to download

File Size   2061.16 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch

HD3SS215 Datasheet (HTML) - Texas Instruments


HD3SS215 Product details

1 Features
• General purpose 2:1/1:2 differential switch
• Compatible with displayport electrical standard
• Compatible with hdmi electrical standards
• 2:1 and 1:2 switching supporting data rates up to 6
Gbps
• Supports HPD switching
• Supports AUX and DDC switching
• Wide –3-dB differential bandwidth of 7 GHz
• Excellent dynamic characteristics (at 3 GHz)
– Crosstalk = –35 dB
– Isolation = –21 dB
– Insertion Loss = –1.6 dB
– Return Loss = –12 dB
– Max Bit-Bit Skew = 5 ps
• VDD operating range 3.3 V ±10%
• Commercial temperature range: 0°C to 70°C
(HD3SS215)
• Industrial temperature range: –40°C to 85°C
(HD3SS215I)
• Package options:
– 5 mm x 5 mm, 50-ball ZXH
– 8 mm × 8 mm, 56-pin RTQ
• Output enable (OE) pin disables switch to save
power
• Power consumption:
– Active < 9 mW typical
– Standby < 30 μW maximum (when OE = L)

2 Applications
• Desktop and Notebook Applications:
– PCI Express Gen 1, Gen 2 Switching
– DP Switching
– HDMI Switching
– LVDS Switching
• Connected peripherals & printers
• Home theater & entertainment
• TV
• Gaming
• Pro audio, video & signage

3 Description
HD3SS215 is a high-speed wide common mode
passive switch capable of supporting DisplayPort
HBR2 and high definition multimedia interface (HDMI)
applications requiring 4k2k 60Hz refresh rates. The
HD3SS215 can be configured to support two sources
to one sink or one source to two sinks. To support
these video standards the HD3SS215 also switches
the display data channel (DDC) and hot plug detect
(HPD) signals for HDMI or digital video interface (DVI)
applications. It also switches the auxiliary (AUX) and
hot plug detect (HPD) signals for DisplayPort
applications. The flexibility the HD3SS215 provides by
supporting both wide common mode and AC or DC
coupled links makes it ideal for many applications.




Similar Part No. - HD3SS215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 31P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215 Datasheet
2Mb / 39P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215I TI1-HD3SS215I Datasheet
1Mb / 31P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215I TI1-HD3SS215I Datasheet
1Mb / 32P
6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
More results


Similar Description - HD3SS215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
DisplayPort 1:2 Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214_16 Datasheet
1Mb / 25P
8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS213 TI-HD3SS213 Datasheet
2Mb / 29P
HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com