Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS3212 Datasheet (PDF) - Texas Instruments

HD3SS3212 Datasheet PDF - Texas Instruments
Part # HD3SS3212
Download  HD3SS3212 Download
File Size   651.25 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux

HD3SS3212 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD3SS3212 Datasheet PDF - Texas Instruments

Part # HD3SS3212
Download  HD3SS3212 Click to download

File Size   651.25 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux

HD3SS3212 Datasheet (HTML) - Texas Instruments


HD3SS3212 Product details

1 Features
1• Provides MUX/DEMUX Solution for USB Type-
C™ Ecosystem for USB 3.1 Gen 1 and Gen 2
Data Rates
• Compatible With MIPI DSI/CSI, FPDLinkIII, LVDS,
and PCIE Gen II, III
• Operates up to 10 Gbps
• Wide –3-dB Differential BW of over 8 GHz
• Excellent Dynamic Characteristics (at 5 GHz)
– Crosstalk = –32 dB
– Off Isolation = –19 dB
– Insertion Loss = –1.6 dB
– Return Loss = –12 dB
• Bidirectional "Mux/De-Mux" Differential Switch
• Supports Common Mode Voltage 0 to 2 V
• Single Supply Voltage VCC of 3.3 V
• Commercial Temperature Range of 0°C to 70°C
(HD3SS3212RKS)
• Industrial Temperature Range of –40°C to 85°C
(HD3SS3212IRKS)

2 Applications
• USB Type-C™ Ecosystem
• Desktop and Notebook PCs
• Server/Storage Area Networks
• PCI Express Backplanes
• Shared I/O Ports
• FPDLinkII and FPDLinkIII Switching

3 Description
The HD3SS3212 is a high-speed bidirectional
passive switch in mux or demux configurations suited
for USB Type-C™ application supporting USB 3.1
Gen 1 and Gen 2 data rates. Based on control pin
SEL, the device provides switching on differential
channels between Port B or Port C to Port A.
The HD3SS3212 is a generic analog differential
passive switch that can work for any high-speed
interface applications requiring a common mode
voltage range of 0 to 2 V and differential signaling
with differential amplitude up to 1800 mVpp. It
employs adaptive tracking that ensures the channel
remains unchanged for the entire common mode
voltage range.
Excellent dynamic characteristics of the device allow
high-speed switching with minimum attenuation to the
signal eye diagram with very little added jitter. It
consumes <2 mW of power when operational and
has a shutdown mode exercisable by OEn pin
resulting <20 μW.




Similar Part No. - HD3SS3212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
HD3SS3212 TI2-HD3SS3212 Datasheet
1Mb / 27P
HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
REVISED SEPTEMBER 2016
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
HD3SS3212-Q1 TI2-HD3SS3212-Q1 Datasheet
1Mb / 27P
HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
REVISED SEPTEMBER 2016
More results


Similar Description - HD3SS3212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3212 TI-HD3SS3212_15 Datasheet
1Mb / 25P
HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
One Channel Differential 2:1 Mux/Demux
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
One Channel Differential 2:1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com