Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS6126RUAR Datasheet (PDF) - Texas Instruments

HD3SS6126RUAR Datasheet PDF - Texas Instruments
Part # HD3SS6126RUAR
Download  HD3SS6126RUAR Download
File Size   1822.84 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HD3SS6126 USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX

HD3SS6126RUAR Datasheet (PDF)

Go To PDF Page Download Datasheet
HD3SS6126RUAR Datasheet PDF - Texas Instruments

Part # HD3SS6126RUAR
Download  HD3SS6126RUAR Click to download

File Size   1822.84 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HD3SS6126 USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX

HD3SS6126RUAR Datasheet (HTML) - Texas Instruments


HD3SS6126RUAR Product details

1 Features
1• Ideal for USB Applications
– Signal Switch for USB 3.0 (SuperSpeed USB
and USB 2.0 HS/FS/LS)
• Three Bidirectional Differential Pair Channel
MUX/DEMUX Switches Also Suitable for
DisplayPort, PCIe Gen1/2/3, SATA 1.5/3/6G, SAS
1.5/3/6G and XAUI Applications
• Supports Data Rates up to 10 Gbps on High-
Bandwidth Path (SS)
• VCC Operating Range 3.3 V ± 10%
• Wide –3-dB Differential BW of More Than 10 GHz
on High-Bandwidth Path (SS)
• Uses a Unique Adaptation Method to Maintain a
Constant Channel Impedance Over the Supported
Common-Mode Voltage Range
• Excellent High-bandwidth Path Dynamic
Characteristics (at 2.5 GHz)
– Crosstalk = –35 dB
– Isolation = –23 dB
– Insertion Loss = –1.1 dB
– Return Loss = –11 dB
• Small 3.5 mm × 9 mm, 42-Pin WQFN Package
(RUA)
• Active Mode Power = 8 mW

2 Applications
• Desktop PCs
• Notebook PCs
• Tablets
• Docking Stations
• Telecommunications
• Televisions

3 Description
The HD3SS6126 device is a high-speed, passive
switch that is designed for USB applications to route both SuperSpeed USB RX and TX and USB 2.0 DP
and DM signals from a source to two destinations or
vice versa. The device can also be used for
DisplayPort, PCI-Express™, SATA, SAS, and XAUI
applications. The HD3SS6126 device can be used in
either sink-side or source-side applications.




Similar Part No. - HD3SS6126RUAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS6126RUAR TI1-HD3SS6126RUAR Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
More results


Similar Description - HD3SS6126RUAR

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB10M PERICOM-PI3USB10M Datasheet
513Kb / 6P
4.2V, Wide Bandwidth, 2-Channel 2:1 Mux/DeMux USB 2.0 Switch w/ Single Select
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Pericom Semiconductor C...
PI2USB4122 PERICOM-PI2USB4122 Datasheet
1Mb / 6P
USB 3.0, 4:1 Mux/DeMux Switch
PI3USB302-A PERICOM-PI3USB302-A Datasheet
1,002Kb / 9P
3.3V, USB 3.0, 1-Port, 2:1 Mux/DeMux Switch
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
PI2USB3212 PERICOM-PI2USB3212_14 Datasheet
894Kb / 8P
5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
logo
Vecow Co., Ltd.
MTC-2021 VECOW-MTC-2021 Datasheet
311Kb / 2P
2 Gigabit LAN, 1 USB 3.0, 2 USB 2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com