Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATQ2-1/4 Datasheet (PDF) - Mersen

ATQ2-1/4 Datasheet PDF - Mersen
Part # ATQ2-1/4
Download  ATQ2-1/4 Download
File Size   99.81 Kbytes
Page   1 Pages
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen
Description Time-Delay Midget Fuses

ATQ2-1/4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATQ2-1/4 Datasheet PDF - Mersen

Part # ATQ2-1/4
Download  ATQ2-1/4 Click to download

File Size   99.81 Kbytes
Page   1 Pages
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen
Description Time-Delay Midget Fuses

ATQ2-1/4 Datasheet (HTML) - Mersen


ATQ2-1/4 Product details

FEATURES/BENEFITS :
• Numerous ratings for a wide variety of applications up to 500VAC
• Time-delay (12 seconds at 200% rating) for circuits with high
inrush current
• Can be used with UltraSafe™ Fuse holders
• 1 1/2" x 13/32" (10 mm x 38 mm) dimensions




Similar Part No. - ATQ2-1/4

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ATQ200 PANASONIC-ATQ200 Datasheet
600Kb / 22P
Signal Relays ( 2 A or less )
2024.5
ATQ20022 PANASONIC-ATQ20022 Datasheet
600Kb / 22P
Signal Relays ( 2 A or less )
2024.5
ATQ20022SA PANASONIC-ATQ20022SA Datasheet
600Kb / 22P
Signal Relays ( 2 A or less )
2024.5
ATQ20022SAW PANASONIC-ATQ20022SAW Datasheet
600Kb / 22P
Signal Relays ( 2 A or less )
2024.5
ATQ20022SAX PANASONIC-ATQ20022SAX Datasheet
600Kb / 22P
Signal Relays ( 2 A or less )
2024.5
More results


Similar Description - ATQ2-1/4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6125TD ETC1-6125TD Datasheet
97Kb / 2P
Brick Fuses Time Delay
logo
Cooper Bussmann, Inc.
LPS-RK-70SPI COOPER-LPS-RK-70SPI Datasheet
127Kb / 3P
Dual-Element, Time-Delay Fuses
LPN-RK-70SPI COOPER-LPN-RK-70SPI Datasheet
138Kb / 3P
Dual-Element Time-Delay Fuses
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
Time-Delay Fuses
BK-MDL-3 COOPER-BK-MDL-3 Datasheet
267Kb / 2P
Time-Delay, Glass Tube Fuses
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
time-delay fuses
KRP-C-2001SP ETC1-KRP-C-2001SP Datasheet
741Kb / 4P
time-delay fuses
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
Time-delay ceramic tube fuses
SR-5 EATON-SR-5 Datasheet
739Kb / 2P
Subminiature time-delay fuses
logo
Bel Fuse Inc.
0ABB BEL-0ABB Datasheet
731Kb / 4P
0603 Time Delay SMD Fuses
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com