Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDB031N08 Datasheet (PDF) - ON Semiconductor

FDB031N08 Datasheet PDF - ON Semiconductor
Part # FDB031N08
Download  FDB031N08 Download
File Size   669.94 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel PowerTrench® MOSFET 75 V, 235 A, 3.1 mΩ

FDB031N08 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDB031N08 Datasheet PDF - ON Semiconductor

Part # FDB031N08
Download  FDB031N08 Click to download

File Size   669.94 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel PowerTrench® MOSFET 75 V, 235 A, 3.1 mΩ

FDB031N08 Datasheet (HTML) - ON Semiconductor


FDB031N08 Product details

Features
• RDS(on) = 2.4 mΩ (Typ.) @ VGS = 10 V, ID = 75 A
• Fast Switching Speed
• Low Gate Charge
• High Performance Trench Technology for Extremely Low RDS(on)
• High Power and Current Handling Capability
• RoHS Compliant

Description
This N-Channel MOSFET is produced using Fairchild Semiconductor’s advanced PowerTrench® process that has been tailored to minimize the on-state resistance while maintaining superior switching performance.

Applications
• Synchronous Rectification for ATX / Server / Telecom PSU
• Battery Protection Circuit
• Motor Drives and Uninterruptible Power Supplies




Similar Part No. - FDB031N08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB031N08 FAIRCHILD-FDB031N08 Datasheet
639Kb / 8P
N-Channel PowerTrench짰 MOSFET 75V, 235A, 3.1m廓
logo
Inchange Semiconductor ...
FDB031N08 ISC-FDB031N08 Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - FDB031N08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD850N10L FAIRCHILD-FDD850N10L Datasheet
316Kb / 8P
N-Channel PowerTrench MOSFET 100 V, 15.7 A, 75 m Ohm
logo
NXP Semiconductors
PMV37EN NXP-PMV37EN Datasheet
811Kb / 15P
30 V, 3.1 A N-channel Trench MOSFET
Rev. 1-9 May 2011
logo
ZP Semiconductor
PMV37EN ZPSEMI-PMV37EN Datasheet
406Kb / 3P
30 V, 3.1 A N-channel Trench MOSFET
logo
ON Semiconductor
FDD86369-F085 ONSEMI-FDD86369-F085 Datasheet
543Kb / 7P
Channel PowerTrench® MOSFET 80 V, 90 A, 7.9 mΩ
August-2017,Rev. 2
FCPF190N60-F152 ONSEMI-FCPF190N60-F152 Datasheet
1Mb / 10P
N-Channel SuperFET® II MOSFET 600 V, 20.2 A, 199 mΩ
September-2017, Rev. 3
FQA90N15-F109 ONSEMI-FQA90N15-F109 Datasheet
1Mb / 8P
N-Channel QFET® MOSFET 150 V, 90 A, 18 mΩ
September-2017, Rev. 2
logo
Renesas Technology Corp
RJK0703DPN-A0 RENESAS-RJK0703DPN-A0 Datasheet
377Kb / 7P
N-Channel MOSFET 75 V, 70 A, 6.7 mΩ
2020.1.9
RJK0703DPP-A0 RENESAS-RJK0703DPP-A0 Datasheet
372Kb / 7P
N-Channel MOS FET 75 V, 70 A, 6.7 mΩ
2020.1.9
logo
Nexperia B.V. All right...
PMV37EN NEXPERIA-PMV37EN Datasheet
925Kb / 16P
30 V, 3.1 A N-channel Trench MOSFET
Rev. 1 - 9 May 2011
logo
Fairchild Semiconductor
FDMC7200 FAIRCHILD-FDMC7200 Datasheet
417Kb / 11P
Dual N-Channel PowerTrench® MOSFET 30 V, 12 mΩ and 23.5 mΩ
Rev.D1 June 2009
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com