Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD87334Q3D Datasheet (PDF) - Texas Instruments

CSD87334Q3D Datasheet PDF - Texas Instruments
Part # CSD87334Q3D
Download  CSD87334Q3D Download
File Size   976.92 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD87334Q3D Synchronous Buck NexFET™ Power Block

CSD87334Q3D Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD87334Q3D Datasheet PDF - Texas Instruments

Part # CSD87334Q3D
Download  CSD87334Q3D Click to download

File Size   976.92 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD87334Q3D Synchronous Buck NexFET™ Power Block

CSD87334Q3D Datasheet (HTML) - Texas Instruments


CSD87334Q3D Product details

1 Features
1• Half-Bridge Power Block
• Optimized for High-Duty Cycle
• Up to 24 Vin
• 96.1% System Efficiency at 12 A
• 1.6-W PLoss at 12 A
• Up to 20-A Operation
• High-Frequency Operation (up to 1.5 MHz)
• High-Density SON 3.3 mm × 3.3 mm Footprint
• Optimized for 5-V Gate Drive
• Low-Switching Losses
• Ultra-Low-Inductance Package
• RoHS Compliant
• Halogen-Free
• Lead-Free Terminal Plating

2 Applications
• Synchronous Buck Converters
– High-Frequency Applications
– High-Duty Cycle Applications
• Synchronous Boost Converters
• POL DC-DC Converters

3 Description
The CSD87334Q3D NexFET™ power block is an
optimized design for synchronous buck and boost
applications offering high-current, high-efficiency, and
high-frequency capability in a small 3.3 mm × 3.3 mm
outline. Optimized for 5-V gate drive applications, this
product offers a flexible solution in high-duty cycle
applications when paired with an external controller or
driver.




Similar Part No. - CSD87334Q3D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87334Q3D TI-CSD87334Q3D Datasheet
1Mb / 22P
CSD87334Q3D Synchronous Buck NexFET Power Block
CSD87334Q3D TI2-CSD87334Q3D Datasheet
973Kb / 24P
CSD87334Q3D Synchronous Buck NexFET™ Power Block
REVISED MARCH 2017
CSD87334Q3D.B TI2-CSD87334Q3D.B Datasheet
973Kb / 24P
CSD87334Q3D Synchronous Buck NexFET™ Power Block
REVISED MARCH 2017
CSD87334Q3DG4.B TI2-CSD87334Q3DG4.B Datasheet
973Kb / 24P
CSD87334Q3D Synchronous Buck NexFET™ Power Block
REVISED MARCH 2017
CSD87334Q3DT TI-CSD87334Q3DT Datasheet
1Mb / 22P
CSD87334Q3D Synchronous Buck NexFET Power Block
More results


Similar Description - CSD87334Q3D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
Synchronous Buck NexFET??Power Block
CSD87353Q5D TI-CSD87353Q5D Datasheet
777Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87334Q3D TI-CSD87334Q3D_15 Datasheet
1Mb / 22P
CSD87334Q3D Synchronous Buck NexFET Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
Synchronous Buck NexFET??Power Block
CSD87355Q5D TI1-CSD87355Q5D Datasheet
559Kb / 23P
Synchronous Buck NexFET Power Block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com