Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23452000N Datasheet (PDF) - CABLECRAFT A PART OF SHOAL GROUP LIMITED.

23452000N Datasheet PDF - CABLECRAFT A PART OF SHOAL GROUP LIMITED.
Part # 23452000N
Download  23452000N Download
File Size   671.06 Kbytes
Page   4 Pages
Manufacturer  BETADUCT [CABLECRAFT A PART OF SHOAL GROUP LIMITED.]
Direct Link  https://www.cablecraft.co.uk/
Logo BETADUCT - CABLECRAFT A PART OF SHOAL GROUP LIMITED.
Description Betaduct LFH Noryl Closed Slot Cable Trunking

23452000N Datasheet (PDF)

Go To PDF Page Download Datasheet
23452000N Datasheet PDF - CABLECRAFT A PART OF SHOAL GROUP LIMITED.

Part # 23452000N
Download  23452000N Click to download

File Size   671.06 Kbytes
Page   4 Pages
Manufacturer  BETADUCT [CABLECRAFT A PART OF SHOAL GROUP LIMITED.]
Direct Link  https://www.cablecraft.co.uk/
Logo BETADUCT - CABLECRAFT A PART OF SHOAL GROUP LIMITED.
Description Betaduct LFH Noryl Closed Slot Cable Trunking

23452000N Datasheet (HTML) - CABLECRAFT A PART OF SHOAL GROUP LIMITED.


23452000N Product details

Key Features
• Lightweight and self-extinguishing
• LS0H
• Excellent rigidity and performance characteristics
• Easy installation
• Base holes to DIN 43659
• Break points on fingers
• Secure clip on lid
• Supplied in 2m lengths




Similar Part No. - 23452000N

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
234522-2 TEC-234522-2 Datasheet
3Mb / 7P
ZSFP PLUGGABLE I/O INTERCONNECT
234522-5 TEC-234522-5 Datasheet
3Mb / 7P
ZSFP PLUGGABLE I/O INTERCONNECT
2345284 TEC-2345284 Datasheet
851Kb / 1P
2 POS,MCON 1.2 REC HSG ASSY, SLD
Rev. A2
More results


Similar Description - 23452000N

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0709821002 MOLEX8-0709821002 Datasheet
84Kb / 2P
LFH??and TDP짰 Panel Mount Hex Screw Kit
0709821003 MOLEX8-0709821003 Datasheet
87Kb / 2P
LFH??and TDP짰 Panel Mount Hex Screw Kit
0709821005 MOLEX8-0709821005 Datasheet
84Kb / 2P
LFH??and TDP짰 Panel Mount Hex Screw Kit
0709821004 MOLEX8-0709821004 Datasheet
87Kb / 2P
LFH??and TDP짰 Panel Mount Hex Screw Kit
0887667610 MOLEX10-0887667610 Datasheet
173Kb / 3P
1.27mm (.050) Pitch LFH??(M)-to-Two DVI_D (M) Adapter Cable, 3.0m (9.84) Length
logo
API Technologies Corp
CMD160 APITECH-CMD160 Datasheet
119Kb / 1P
Trunking Radio Duplexer
logo
TE Connectivity Ltd
TTDS-134 TEC-TTDS-134 Datasheet
50Kb / 3P
HLX-NEL (NARROW EDGE LEADING) LFH CABLE MARKERS
logo
Molex Electronics Ltd.
ATS-621000100 MOLEX-ATS-621000100 Datasheet
173Kb / 4P
LFH??Ferrule Crimp Hand Tool
03-12-09
ATS-621000200 MOLEX-ATS-621000200 Datasheet
173Kb / 4P
LFH??Ferrule Crimp Hand Tool
03-12-09
051260011 MOLEX-051260011 Datasheet
237Kb / 3P
LFH, .075 PITCH, 96 LFH, CIRCUIT, VERTICAL I/O PLUG CONNECTOR
2019/11/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com