Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA21240 Datasheet (PDF) - Infineon Technologies AG

TDA21240 Datasheet PDF - Infineon Technologies AG
Part # TDA21240
Download  TDA21240 Download
File Size   1311.09 Kbytes
Page   23 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description multichip module

TDA21240 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA21240 Datasheet PDF - Infineon Technologies AG

Part # TDA21240
Download  TDA21240 Click to download

File Size   1311.09 Kbytes
Page   23 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description multichip module

TDA21240 Datasheet (HTML) - Infineon Technologies AG


TDA21240 Product details

Applications
 Desktop and Server VR buck-converter
 Single Phase and Multiphase POL
 CPU/GPU Regulation in Notebook, Desktop Graphics Cards, DDR Memory, Graphic Memory
 High Power Density Voltage Regulator Modules (VRM)
 Qualified for DCDC industrial applications based on JEDEC (JESD47, JESD22, J-STD20)

Features
 For synchronous buck converter step down voltage applications
 Maximum average current of 40 A
 Input voltage range +4.5 V to +16 V
 Power MOSFETs rated 25 V
 Fast switching technology for improved performance at high switching frequencies (> 500 kHz)
 Remote driver disable function
 Includes bootstrap diode
 Undervoltage lockout
 Shoot through protection
 +5 V high side and low side MOSFETs driving voltage
 Compatible to standard +3.3 V PWM controller integrated circuits
 Tri-state PWM input functionality
 Small package: PG-IQFN-30-2 (4 x 4 x 1 mm³)
 RoHS compliant
 Thermal warning




Similar Part No. - TDA21240

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21242 INFINEON-TDA21242 Datasheet
1Mb / 23P
Desktop and Server VR buck-converter
2.1 2017-03-07
More results


Similar Description - TDA21240

ManufacturerPart #DatasheetDescription
logo
RFHIC
LCL0402-L RFHIC-LCL0402-L_14 Datasheet
177Kb / 4P
Multichip Hybrid Module
LCL0912-L RFHIC-LCL0912-L_14 Datasheet
177Kb / 4P
Multichip Hybrid Module
LCL1503-L RFHIC-LCL1503-L_14 Datasheet
186Kb / 4P
Multichip Hybrid Module
LCL1903-L RFHIC-LCL1903-L_14 Datasheet
176Kb / 4P
Multichip Hybrid Module
LCL1904-L RFHIC-LCL1904-L_14 Datasheet
177Kb / 4P
Multichip Hybrid Module
LCL2112-L RFHIC-LCL2112-L_14 Datasheet
177Kb / 4P
Multichip Hybrid Module
LCL2302-L RFHIC-LCL2302-L_14 Datasheet
186Kb / 4P
Multichip Hybrid Module
LCL2603-L RFHIC-LCL2603-L_14 Datasheet
186Kb / 4P
Multichip Hybrid Module
LCL3212-L RFHIC-LCL3212-L_14 Datasheet
177Kb / 4P
Multichip Hybrid Module
LCL3322-L RFHIC-LCL3322-L_14 Datasheet
176Kb / 4P
Multichip Hybrid Module
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com