Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA250A2PWR Datasheet (PDF) - Texas Instruments

INA250A2PWR Datasheet PDF - Texas Instruments
Part # INA250A2PWR
Download  INA250A2PWR Download
File Size   1773.44 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA250 36-V, Bidirectional, Precision Current Sense Amplifier With Integrated Shunt Resistor

INA250A2PWR Datasheet (PDF)

Go To PDF Page Download Datasheet
INA250A2PWR Datasheet PDF - Texas Instruments

Part # INA250A2PWR
Download  INA250A2PWR Click to download

File Size   1773.44 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA250 36-V, Bidirectional, Precision Current Sense Amplifier With Integrated Shunt Resistor

INA250A2PWR Datasheet (HTML) - Texas Instruments


INA250A2PWR Product details

1 Features
• Precision Integrated Shunt Resistor:
– Shunt Resistor: 2 mΩ
– Shunt Resistor Tolerance: 0.1% (Max)
– 15 A Continuous from –40°C to 85°C
– 0°C to 125°C Temperature Coefficient:
10 ppm/°C
• High Accuracy:
– Gain Error (Shunt and Amplifier): 0.3% (Max)
– Offset Current: 50 mA (Max, INA250A2)
• Four Available Gains:
– INA250A1: 200 mV/A
– INA250A2: 500 mV/A
– INA250A3: 800 mV/A
– INA250A4: 2 V/A
• Wide Common-Mode Range: –0.1 V to 36 V
• Specified Operating Temperature: –40°C to 125°C

2 Applications
• Test Equipment
• Power Supplies
• Servers
• Telecom Equipment
• Automotive
• Solar Inverters
• Power Management

3 Description
The INA250 is a voltage-output, current-sensing
amplifier family that integrates an internal
shunt resistor to enable high-accuracy current
measurements at common-mode voltages that can
vary from 0 V to 36 V, independent of the
supply voltage. The device is a bidirectional, lowor
high-side current-shunt monitor that allows an
external reference to be used to measure current
flowing in both directions through the internal currentsensing
resistor sensor. The integration of the
precision current-sensing resistor provides calibration
equivalent measurement accuracy with ultra-low
temperature drift performance and ensures an
optimized Kelvin layout for the sensing resistor is
always obtained.
The INA250 family is available in four output voltage
scales: 200 mV/A, 500 mV/A, 800 mV/A, and 2 V/A.
This device is fully tested and specified for continuous
currents up to 10 amps at the maximum temperature
of 125°C. The INA250 operates from a single 2.7-V
to 36-V supply and draws a maximum of 300 μA of
supply current. All INA250 gain versions are specified
over the extended operating temperature range (–
40°C to 125°C), and are available in a TSSOP-16
package.




Similar Part No. - INA250A2PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA250A2PWR TI1-INA250A2PWR Datasheet
1Mb / 33P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
More results


Similar Description - INA250A2PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA250A1 TI-INA250A1_15 Datasheet
1Mb / 32P
INA250 36-V, Low- or High-Side, Bidirectional, Zero-DriftCurrent-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI-INA250A1_15 Datasheet
1Mb / 33P
INA250 36-V, Low- or High-Side, Bidirectional, Zero-DriftCurrent-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
Precision Current-Sense Amplifier
logo
Texas Instruments
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA253 TI1-INA253 Datasheet
639Kb / 24P
High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
INA253 TI1-INA253_18 Datasheet
1Mb / 34P
High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-m(ohm), Precision, Low Inductive Shunt Resistor
INA302-Q1 TI1-INA302-Q1 Datasheet
865Kb / 38P
Automotive, 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
logo
Maxim Integrated Produc...
MAX40016 MAXIM-MAX40016 Datasheet
940Kb / 22P
4-Decade Current Sense Amplifier with Integrated Current Sense Element
2018
MAX40056F MAXIM-MAX40056F Datasheet
1Mb / 24P
Bidirectional Current Sense Amplifier with PWM-Rejection
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com