Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO1042BDWV Datasheet (PDF) - Texas Instruments

ISO1042BDWV Datasheet PDF - Texas Instruments
Part # ISO1042BDWV
Download  ISO1042BDWV Download
File Size   2430.19 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO1042 Isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate

ISO1042BDWV Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO1042BDWV Datasheet PDF - Texas Instruments

Part # ISO1042BDWV
Download  ISO1042BDWV Click to download

File Size   2430.19 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO1042 Isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate

ISO1042BDWV Datasheet (HTML) - Texas Instruments


ISO1042BDWV Product details

1 Features
1• Meets the ISO 11898-2:2016 physical layer
standard
• Supports classic CAN up to 1 Mbps and FD
(Flexible Data Rate) up to 5 Mbps
• Low loop delay: 152 ns
• Protection features
– DC bus fault protection voltage: ±70 V
– HBM ESD tolerance on bus pins: ±16 kV
– Driver Dominant Time Out (TXD DTO)
– Undervoltage protection on VCC1 and VCC2
• Common-Mode Voltage Range: ±30 V
• Ideal passive, high impedance bus terminals when
unpowered
• High CMTI: 100 kV/μs
• VCC1 voltage range: 1.71 V to 5.5 V
– Supports 1.8-V, 2.5-V, 3.3-V and 5.0-V logic
interface to the CAN controller
• VCC2 Voltage Range: 4.5 V to 5.5 V
• Robust Electromagnetic Compatibility (EMC)
– System-level ESD, EFT, and surge immunity
– Low emissions
• Ambient Temperature Range: –40°C to +125°C
• 16-SOIC and 8-SOIC package options
• Automotive version available: ISO1042-Q1
• Safety-related certifications:
– 7071-VPK VIOTM and 1500-VPK VIORM
(Reinforced and Basic Options) per DIN VDE
V 0884-11:2017-01
– 5000-VRMS Isolation for 1 Minute per UL 1577
– IEC 60950-1, IEC 60601-1 and EN 61010-1
certifications
– CQC, TUV and CSA certifications

2 Applications
• AC and servo drives
• Solar inverters
• PLC and DCS communication modules
• Elevators and escalators
• Industrial power supplies
• Battery charging and management

3 Description
The ISO1042 device is a galvanically-isolated
controller area network (CAN) transceiver that meets
the specifications of the ISO11898-2 (2016) standard.
The ISO1042 device offers ±70-V DC bus fault
protection and ±30-V common-mode voltage range.
The device supports up to 5-Mbps data rate in CAN
FD mode allowing much faster transfer of payload
compared to classic CAN. This device uses a silicon
dioxide (SiO2) insulation barrier with a withstand
voltage of 5000 VRMS and a working voltage of 1060
VRMS. Electromagnetic compatibility has been
significantly enhanced to enable system-level ESD,
EFT, surge, and emissions compliance. Used in
conjunction with isolated power supplies, the device
protects against high voltage, and prevents noise
currents from the bus from entering the local ground.
The ISO1042 device is available for both basic and
reinforced isolation (see Reinforced and Basic
Isolation Options). The ISO1042 device supports a
wide ambient temperature range of –40°C to +125°C.
The device is available in the SOIC-16 (DW) package
and a smaller SOIC-8 (DWV) package.




Similar Part No. - ISO1042BDWV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1042BDWV TI1-ISO1042BDWV Datasheet
2Mb / 41P
Isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate
ISO1042BDWVR TI1-ISO1042BDWVR Datasheet
2Mb / 41P
Isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate
More results


Similar Description - ISO1042BDWV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
70-V Fault-Protected RS-485 Transceiver
logo
Microchip Technology
MCP25612FD MICROCHIP-MCP25612FD Datasheet
542Kb / 26P
Dual CAN Flexible Data-Rate Transceiver
01/27/15
logo
Texas Instruments
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
ISO1042 TI1-ISO1042 Datasheet
1Mb / 26P
Isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate
ISO1042 TI1-ISO1042_18 Datasheet
1Mb / 33P
Isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate
ISO1042_1809 TI1-ISO1042_1809 Datasheet
2Mb / 41P
Isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate
ISO1042-Q1 TI1-ISO1042-Q1 Datasheet
2Mb / 40P
Automotive Isolated CAN Transceiver With 70-V Bus Fault Protection and Flexible Data Rate
TCAN4550-Q1 TI1-TCAN4550-Q1_19 Datasheet
1Mb / 142P
Automotive Control Area Network Flexible Data Rate (CAN FD) Controller with Integrated Transceiver
logo
Microchip Technology
MCP2561FD MICROCHIP-MCP2561FD Datasheet
1Mb / 32P
High-Speed CAN Flexible Data Rate Transceiver
03/25/14
logo
Maxim Integrated Produc...
MAX33011E MAXIM-MAX33011E Datasheet
413Kb / 22P
5V, 5Mbps CAN Transceiver with 짹65V Fault Protection, Fault Detection and Reporting, 짹25V CMR, and 짹45kV ESD Protection
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com