Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO1410DW Datasheet (PDF) - Texas Instruments

ISO1410DW Datasheet PDF - Texas Instruments
Part # ISO1410DW
Download  ISO1410DW Download
File Size   2430.24 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC

ISO1410DW Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO1410DW Datasheet PDF - Texas Instruments

Part # ISO1410DW
Download  ISO1410DW Click to download

File Size   2430.24 Kbytes
Page   49 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO14xx 5kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC

ISO1410DW Datasheet (HTML) - Texas Instruments


ISO1410DW Product details

1 Features
• Compatible with TIA/EIA-485-A
• PROFIBUS compatible at 5V bus-side supply
• Bus I/O protection
– ±30kV HBM
– ±16kV IEC 61000-4-2 Contact discharge
– ±4kV IEC 61000-4-4 Electrical fast transient
• Low-EMI 500kbps, 12Mbps and 50Mbps Data
Rates
• 1.71V to 5.5V logic-side supply (VCC1), 3V to 5.5V
bus-side supply (VCC2)
• Failsafe receiver for bus open, short, and idle
• 1/8 Unit load up to 256 nodes on bus
• 100kV/μs (typical) high common-mode transient
immunity
• Extended temperature range from –40°C to 125°C
• Glitch-free power-up and power-down for hot plugin
• Wide-body SOIC-16 package
• Pin compatible to most isolated RS-485
transceivers
• Safety-related certifications:
– 7071VPK VIOTM and 1500VPK VIORM (reinforced
and basic options) per DIN VDE V
0884-11:2017-01
– 5000VRMS isolation for 1 minute per UL 1577
– IEC 60950-1, IEC 62368-1, IEC 60601-1 and
IEC 61010-1 certifications
– CQC, TUV, and CSA approvals

2 Applications
• Grid infrastructure
• Solar inverter
• Factory automation & control
• Motor drives
• HVAC systems and building automation

3 Description
The ISO14xx devices are galvanically-isolated
differential line transceivers for TIA/EIA RS-485
and RS-422 applications. These noise-immune
transceivers are designed to operate in harsh
industrial environments. The bus pins of these
devices can endure high levels of IEC electrostatic
discharge (ESD) and IEC electrical fast transient
(EFT) events which eliminates the need for additional
components on bus for system-level protection. The
devices are available for both basic and reinforced
isolation (see Reinforced and Basic Isolation Options).




Similar Part No. - ISO1410DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1410DW TI1-ISO1410DW Datasheet
1Mb / 31P
5-kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
ISO1410DW TI1-ISO1410DW Datasheet
3Mb / 47P
5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
ISO1410DWR TI1-ISO1410DWR Datasheet
1Mb / 31P
5-kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
ISO1410DWR TI1-ISO1410DWR Datasheet
3Mb / 47P
5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
More results


Similar Description - ISO1410DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
Robust RS-485 Transceiver
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
EIA RS-485/RS-422 Transceiver
Rev. D
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Analog Devices
ADM2795E AD-ADM2795E Datasheet
678Kb / 27P
Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
REV. 0
logo
Texas Instruments
ISO1410 TI1-ISO1410 Datasheet
1Mb / 31P
5-kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
ISO1430 TI1-ISO1430 Datasheet
3Mb / 47P
5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
logo
Analog Devices
ADM2795E AD-ADM2795E_V01 Datasheet
752Kb / 28P
Robust 5 kV RMS Isolated RS-485/RS-422 Transceiver with Level 4 EMC and Full 짹42 V Protection
Rev. B
logo
Advantech Co., Ltd.
ADAM-4510I ADVANTECH-ADAM-4510I_V01 Datasheet
607Kb / 1P
Robust RS-422/485 Repeater
25-Feb-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com