Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7740DWR Datasheet (PDF) - Texas Instruments

ISO7740DWR Datasheet PDF - Texas Instruments
Part # ISO7740DWR
Download  ISO7740DWR Download
File Size   2286.91 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators

ISO7740DWR Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO7740DWR Datasheet PDF - Texas Instruments

Part # ISO7740DWR
Download  ISO7740DWR Click to download

File Size   2286.91 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators

ISO7740DWR Datasheet (HTML) - Texas Instruments


ISO7740DWR Product details

1 Features
• 100Mbps data rate
• Robust isolation barrier:
– >30-year projected lifetime at 1500VRMS
working voltage
– Up to 5000VRMS isolation rating
– Up to 12.8kV surge capability
– ±100kV/μs typical CMTI
• Wide supply range: 2.25V to 5.5V
• 2.25V to 5.5V level translation
• Default output high (ISO774x ) and low
(ISO774xF) options
• Wide temperature range: –55°C to 125°C
• Low power consumption, typical 1.5mA per
channel at 1Mbps
• Low propagation delay: 10.7ns typical
(5V Supplies)
• Robust electromagnetic compatibility (EMC)
– System-level ESD, EFT, and surge immunity
– ±8kV IEC 61000-4-2 contact discharge
protection across isolation barrier
– Low emissions
• Wide-SOIC (DW-16) and QSOP (DBQ-16)
package options
• Automotive version available: ISO774x-Q1
• Safety-related certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577 component recognition program
– IEC 61010-1, IEC 62368-1, IEC 60601-1, and
GB 4943.1 certifications

2 Applications
• Industrial automation
• Motor control
• Power supplies
• Solar inverters
• Medical equipment




Similar Part No. - ISO7740DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7740DWR TI1-ISO7740DWR Datasheet
1Mb / 41P
High Speed, Robust EMC Reinforced Quad-Channel Digital Isolators
ISO7740DWR TI1-ISO7740DWR Datasheet
1Mb / 43P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740DWR TI1-ISO7740DWR Datasheet
2Mb / 49P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
ISO7740DWR TI-ISO7740DWR Datasheet
2Mb / 52P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
ISO7740DWR TI1-ISO7740DWR Datasheet
2Mb / 53P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
OCTOBER 2024
More results


Similar Description - ISO7740DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7740 TI1-ISO7740 Datasheet
1Mb / 41P
High Speed, Robust EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7740 TI1-ISO7740_V01 Datasheet
2Mb / 49P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
ISO7740 TI-ISO7740_V02 Datasheet
2Mb / 52P
ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com